Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE900SL10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XE900SL10
Description  Miniature Spread Spectrum Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE900SL10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XE900SL10 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE900SL10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XECOM
(3)
XE900SL10
Layout PCB for Both XE900S-500 and XE900SL10
Despite the fact that the XE900S-500 is substantially
larger module than the XE900SL10, a common PCB
layout can be used to support both products. This
makes it easy to accommodate applications which
include nodes with both long range and short range
requirements.
The XE900S-500 and XE900SL10 can share board layout
because of common pin assignments. Pins 1 through 8
of the XE900SL10 are equivalent to Pins 3 through 10 on
the XE900S-500; they have the same functions and are
placed in the same sequence. Pin 9 on the XE900SL10 is
an unused pin and therefore does not conflict with the
ADC1 signal assigned to Pin 11 of the XE900S-500.
The XE900SL10 requires a separate pin row for Pins 10
through 14. These pins will be hidden under the XE900S-
500 module when the larger module is installed. The
XE900SL10 also includes one unique signal, Reset.
Reset is an active high signal that can be left
unconnected if no external reset is desired.
The figure below shows the overlapping layout that
supports both modules. The XE900S-500 outline and
pins are shown in green. XE900SL10 pins and outline are
shown in red.
XE900S-500/XE900SL10 Overlay
Gnd
Vcc
/TXD
/RXD
/CTS
/RTS
DIO3
DIO2
DIO1
DIO0
ADC1/NC
ADC0
1
2
3/1
4/2
5/3
6/4
7/5
8/6
9/7
10/8
11/9
12
14
13
12
11
10
Reset
ADC0
ADC1
Vcc
Gnd
XE900S-500
XE900SL10


Similar Part No. - XE900SL10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
   Smart Spread Spectrum Transceiver
XE900S-500 ETC1-XE900S-500 Datasheet
70Kb / 16P
   Smart Spread Spectrum Transceiver
More results

Similar Description - XE900SL10

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
   Smart Spread Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
   2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
   2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT90PA MURATA-DNT90PA Datasheet
158Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com