Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL127N65FAI002 Datasheet(PDF) 8 Page - SPANSION

Part # S29PL127N65FAI002
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL127N65FAI002 Datasheet(HTML) 8 Page - SPANSION

Back Button S29PL127N65FAI002 Datasheet HTML 4Page - SPANSION S29PL127N65FAI002 Datasheet HTML 5Page - SPANSION S29PL127N65FAI002 Datasheet HTML 6Page - SPANSION S29PL127N65FAI002 Datasheet HTML 7Page - SPANSION S29PL127N65FAI002 Datasheet HTML 8Page - SPANSION S29PL127N65FAI002 Datasheet HTML 9Page - SPANSION S29PL127N65FAI002 Datasheet HTML 10Page - SPANSION S29PL127N65FAI002 Datasheet HTML 11Page - SPANSION S29PL127N65FAI002 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
6
S29PL-N MirrorBit™ Flash Family
S29PL-N_00_A4 November 23, 2005
Preliminary
1
Ordering Information
The ordering part number is formed by a valid combination of the following:
S29PL
256
N
65 GA W W0 0
PACKING TYPE
0= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
MODEL NUMBER
(VCC Range)
W0
= 2.7 – 3.1 V
00
= 2.7 – 3.6 V
TEMPERATURE RANGE
W
= Wireless (–25°C to +85°C)
I
= Industrial (–40°C to +85°C)
PACKAGE TYPE AND MATERIAL
FA
= Fortified BGA, Lead (Pb)-free Compliant package
FF
= Fortified BGA, Lead (Pb)-free package
GA
= Very Thin Fine-Pitch MCP-compatible BGA,
Lead (Pb)-free Compliant Package
GF
= Very Thin Fine-Pitch MCP-compatible BGA,
Lead (Pb)-free Package
SPEED OPTION
65
= 65 ns
70
= 70 ns
80
= 80 ns
PROCESS TECHNOLOGY
N
= 110 nm MirrorBit™ Technology
FLASH DENSITY
256
= 256 Mb
129
= 128 Mb (Dual CE#)
127
= 128 Mb (Single CE#)
DEVICE FAMILY
S29PL = 3.0 Volt-only Simultaneous Read/Write, Page Mode Flash Memory
Valid Combinations
VIO Range
Package Type
(Note 2)
Base Ordering
Part Number
Speed
Option
Package Type, Material,
& Temperature Range
Model
Number
Packing
Type
S29PL256N
65, 70
GAW, GFW
W0
0, 2, 3
(Note 1)
2.7 – 3.1 V
VBH084 8.0 x 11.6 mm
84-ball MCP-Compatible (FBGA)
S29PL127N
S29PL129N
VBH064 8.0 x 11.6 mm
64-ball MCP-Compatible (FBGA)
S29PL256N,
S29PL127N
80
FAW, FFW
00
0, 2, 3
(Note 1)
2.7 – 3.6 V
LAA064 11x13 mm
64-Ball (Fortified BGA)
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S29 and packing
type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult your local sales
office to confirm availability of specific valid combinations
and to check on newly released combinations.


Similar Part No. - S29PL127N65FAI002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127N65GAW000 SPANSION-S29PL127N65GAW000 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65GAW002 SPANSION-S29PL127N65GAW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65GAW003 SPANSION-S29PL127N65GAW003 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65GAWW00 SPANSION-S29PL127N65GAWW00 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65GAWW02 SPANSION-S29PL127N65GAWW02 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

Similar Description - S29PL127N65FAI002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com