Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIKQ0-19PH003-N Datasheet(PDF) 3 Page - ITT Industries

Part # MIKQ0-19PH003-N
Description  Microminiature Circular - .050 Contact Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIKQ0-19PH003-N Datasheet(HTML) 3 Page - ITT Industries

  MIKQ0-19PH003-N Datasheet HTML 1Page - ITT Industries MIKQ0-19PH003-N Datasheet HTML 2Page - ITT Industries MIKQ0-19PH003-N Datasheet HTML 3Page - ITT Industries MIKQ0-19PH003-N Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Microminiature Circular - .050" Contact Spacing
MIKM/MIKQ
Shell Dimensions (Continued)
46
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
MIKM (Rear Panel Mount Thickness .335 (8.51) max. - see Tabulation "T")
L
A T HD
.
D
D IA.
.3 35 (8 .51 )
M a x .
R
S
H (T YP
.)
H (T YP
.)
K
A T HD
A T HD
A T HD
D
D IA.
D
D IA.
D
D IA.
F
L
L
S
R
K
F
L
Plug
Receptacle
Shell Size 7 only
Receptacle
Receptacle
Shell Size 55 & 85
Plug
Plug
MIKM6-7P
5/16-24UNF-2A
.375 (9.52)
.315 (8.00)
.054 (1.54)
MIKM6-55P
5/8-24UNEF-2B
.775 (19.18)
.440 (11.18)
.333 (9.44)
MIKM6-85P
11/16-24UNEF-2B
.860 (21.84)
.460 (11.68)
.419 (11.88)
MIKM0-7S
5/16-24UNF-2A
.325 (8.26)
.320 (8.13)
.078 (1.98)
.062 (1.57)
.400 (10.16)
.460 (11.68)
.630 (16.00) .032 (0.81)
.051 (1.45)
MIKM0-55S
5/8-24UNEF-2A
.625 (15.88)
.440 (11.18)
.091 (2.31)
.062 (1.57)
.490 (12.45)
.580 (14.73)
.760 (19.30) .125 (3.18)
.269 (7.62)
MIKM0-85S
11/16-24UNEF-2A .745 (18.92)
.440 (11.18)
.091 (2.31)
.062 (1.57)
.490 (12.45)
.674 (17.12)
.845 (21.46) .125 (3.18)
.346 (9.80)
Part Number
by Shell Size
Part Number
by Shell Size
A
Thread
D
Max.
L
Max.
Avg. Weight
oz. (gm.)+
_5%
A
Thread
D
F
Max.
H
+
_ .003 (0.08)
K
L
Max.
R
+
_ .005 (0.13)
S
Max.
T
Max.
Avg. Weight
oz. (gm.)+
_5%
MIKQ6-7S
.385 (9.78)
.305 (7.75)
.180 (4.57)
.214 (6.08)
MIKQ6-19S
.515 (13.08)
.405 (10.29)
.260 (6.60)
.376 (10.70)
MIKQ6-37S
.760 (19.30)
.635 (16.13)
.350 (8.89)
.714 (20.23)
MIKQ6-7S
.510 (12.95)
.245 (6.22)
.359 (9.12)
3/8-32UNEF-2A
.128 (3.63)
MIKQ7-19P
.575 (14.60)
.345 (8.76)
.470 (11.94)
1/2-28UNEF-2A
.214 (6.08)
MIKQ7-37P
.855 (21.71)
.520 (13.20)
.740 (18.80)
3/4-20UNEF-2A
.300 (8.52)
MIKQ (Front Panel Mounting Type Shown-.093 (2.36) Thickness)
A
DIA.
.760
(19.30) MAX.
B
DIA.
1.20
(30.48) MAX.
FOR SIZE 37 ONLY
C
DIA.
.950 (24.13) MAX.
NUT
MASTER KEY
A
.093 (2.36) REF.
.043±.005
(1.09±0.13)
D THD.
C DIM.
ACROSS FLAT
.495 (12.67) MAX.
B
Plug
Plug
Receptacle
Receptacle
*Std. Conn. not supplied with Cable Nut & Grip, See Mod Codes.
Lanyard Relase Is Available. Consult factory.
*
Part Number
by Shell Size
A
MAX.
B
MAX.
C
Ref.
Avg. Weight
oz. (gm.)±5%
Part Number
by Shell Size
A
MAX.
B
MAX.
C
MAX.
D
Thread
Avg. Weight
oz. (gm.)±5%
Front Panel Mounting-MIKQ7
MIKQ Front Panel Mounting
A
B
DIA.
MIKQ7-7P
.364 (9.24)
.390 (9.91)
MIKQ7-19P
.475 (12.06)
.515 (13.08)
MIKQ7-37P
.740 (18.78)
.755 (19.17)
Shell Size
A
± .005 (0.13)
B
DIA.


Similar Part No. - MIKQ0-19PH003-N

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
MIK-21-75 ULTRALIFE-MIK-21-75 Datasheet
710Kb / 2P
   Radio Agnostic SATCOM On-the-Move-System
14 March 2016 Rev A
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
logo
Estek Electronics Co. L...
MIK2576HVS-12 ESTEK-MIK2576HVS-12 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
MIK2576HVS-15 ESTEK-MIK2576HVS-15 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
MIK2576HVS-33 ESTEK-MIK2576HVS-33 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
More results

Similar Description - MIKQ0-19PH003-N

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
   High Performance, Microminiature Circular Connectors
SR38-4P-3P HIROSE-SR38-4P-3P Datasheet
134Kb / 4P
   MICROMINIATURE HIGH-PERFORMANCE MODEL SR38 CIRCULAR CONNECTORS
logo
ITT Industries
MTV1-16PH00101 ITT-MTV1-16PH00101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
logo
Harwin Plc
S70-332002045R HARWIN-S70-332002045R Datasheet
64Kb / 1P
   SMT CIRCULAR CONTACT PAD
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com