Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-102A1FL000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCL-102A1FL000
Description  3A, 5A, 10A, 15A General Purpose Miniature Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCL-102A1FL000 Datasheet(HTML) 1 Page - Tyco Electronics

  PCL-102A1FL000 Datasheet HTML 1Page - Tyco Electronics PCL-102A1FL000 Datasheet HTML 2Page - Tyco Electronics PCL-102A1FL000 Datasheet HTML 3Page - Tyco Electronics PCL-102A1FL000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
713
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Features
• Small size, 3A, 5A, 10A and 15A switching capacity.
• Meets UL and CSA requirements.
• 1 pole, 2 poles and 4 poles contact arrangements.
• AC and DC coils with UL Class F (155
°C) coil insulation system standard.
• Optional flange mount case.
• Plug-in terminals or PCB terminals.
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO),
1 Form C (SPDT),
2 Form A (DPST-NO),
2 Form C (DPDT),
4 Form A (4PST-NO),
4 Form C (4PDT).
Material: Ag, Ag Alloy.
Max.Switching Rate: 300ops./min.(Mechanical).
30ops./min.(Electrical).
Expected Mechanical Life: 100 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 50milliohms @ DC6V,1A.
Contact Ratings
Ratings:
PCL-4
3A @ AC250V/DC24V resistive.
PCL-2
5A @ AC250V/DC24V resistive.
PCLH-2 15A @ AC120V resistive.
10A @ AC250V/DC24V resistive.
PCLH-1 15A @ AC250V/DC24V resistive.
Max. Switched Current: PCL-4
3A.
PCL-2
5A.
PCLH-2
15A.
PCLH-1
15A.
Max. Switched Power:
PCL-4
660VA, 72W.
PCL-2
1,100VA, 120W.
PCLH-2
3,168VA, 240W.
PCLH-1
3,300VA, 360W.
Initial Dielectric Strength
Between Open Contacts: 1,000VAC 1minute.
Between Adjacent Contact Terminals: 1,500VAC 1minute.
Between Contacts and Coil: 2,000VAC 1minute.
Surge Voltage (Coil-Contact): 3,000V(1.2/50
µs).
Initial Insulation Resistance
Between Open Contacts: 1,000Mohms @ 500VDC.
Between Adjacent Contact Terminals: 1,000Mohms @ 500VDC.
Between Contacts and Coil: 1,000Mohms @ 500VDC.
Coil Data
Voltage: AC 6 - 240V.
DC 6 - 110V.
Nominal Power: AC abt. 1.4VA/1.2VA (50Hz/60Hz).
DC abt. 0.9W.
Coil Temperature Rise: AC 60
°C max.
DC 50
°C max.
Max. Coil Power: 110% of nominal voltage.
PCL/PCLH series
3A, 5A, 10A, 15A General Purpose
Miniature Relay
Factory Automation, Process Controls,
Electrical Panels, etc.
UL File No. E58304
CSA File No. LR48471
Coil Data@ 20
°C
Operate Data @ 20
°C
Must Operate Voltage: AC 80% of nominal voltage or less.
DC 80% of nominal voltage or less.
Must Release Voltage: AC 30% of nominal voltage or more.
DC 10% of nominal voltage or more.
Operate Time: AC 20ms max.
DC 15ms max.
Release Time: AC 20ms max.
DC 8ms max.
Environmental Data
Temperature Range:
Operating: -10
°C to +55°C.
Humidity: 45 to 85%. (Non-condensing).
Vibration, Operational: 10 to 55Hz 1.0mm double amplitude.
Mechanical: 10 to 55Hz 1.0mm double amplitude.
Shock, Operational: 100m/s2 (abt. 10G).
Mechanical:
1,000m/s2 (abt. 100G).
Mechanical Data
Termination: Plug-in, PCB.
Enclosure: Snap-on cover.
Weight: 1.26 oz (32g) approximately.
PCL AC Coil
610
12
40
24
160
48
600
80% max.
30% min.
abt. 1.4
100
2,800
110/120
3,400
200
11,000
220/240
13,600
Coil
Resistance
(ohms)
±10%
Nominal Coil
Power
(VA)
Rated Coil
Voltage
(VAC)
PCL DC Coil
Coil
Resistance
(ohms)
±10%
Must Operate
Voltage
(VDC)
Must Release
Voltage
(VDC)
Nominal Coil
Power
(W)
Rated Coil
Voltage
(VDC)
640
12
160
24
650
80% max.
10% min.
48
2,600
100/110
11,000
abt. 1.1
Must Operate
Voltage
(VAC)
Must Release
Voltage
(VAC)
abt. 0.9
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - PCL-102A1FL000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10220M ADVANTECH-PCL-10220M Datasheet
71Kb / 1P
   Cable Accessories
PCL-10220M-2 ADVANTECH-PCL-10220M-2 Datasheet
962Kb / 2P
   GX2-400 Machine Control Box with
PCL-10220M-2 ADVANTECH-PCL-10220M-2 Datasheet
532Kb / 1P
   4-axis AMONet Motion Slave Modules
PCL-10220M-2 ADVANTECH-PCL-10220M-2 Datasheet
536Kb / 1P
   2-port AMONet RS-485 PCI Master Card
PCL-10220M-2 ADVANTECH-PCL-10220M-2 Datasheet
542Kb / 1P
   2-port AMONet RS-485 PCI-104 Master Card
More results

Similar Description - PCL-102A1FL000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
   V3 type microswitches 5A, 10A and 15A
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com