Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1191V Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1191V
Description  11.3-GBPS DIFFERENTIAL VCSEL DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET1191V Datasheet(HTML) 5 Page - Texas Instruments

  ONET1191V Datasheet HTML 1Page - Texas Instruments ONET1191V Datasheet HTML 2Page - Texas Instruments ONET1191V Datasheet HTML 3Page - Texas Instruments ONET1191V Datasheet HTML 4Page - Texas Instruments ONET1191V Datasheet HTML 5Page - Texas Instruments ONET1191V Datasheet HTML 6Page - Texas Instruments ONET1191V Datasheet HTML 7Page - Texas Instruments ONET1191V Datasheet HTML 8Page - Texas Instruments ONET1191V Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
START
STOP
1
0
1
0
1
1
SDA
SCK
DTAR
DTAF
STRTHLD
CLKR
CLKF
CLKHI
DTAHI
DTASTP
DTAWT
DTAHLD
STOPSTP
T0077-01
REGISTER MAPPING
ONET1191V
SLLS750A – AUGUST 2006 – REVISED SEPTEMBER 2006
Figure 3. Two-Wire Interface Timing Diagram
Table 1. Two-Wire Interface Timing
PARAMETER
DESCRIPTION
MIN MAX
UNIT
STRTHLD
START hold time
Time required from data falling edge to clock falling edge at START
10
ns
CLKR, DTAR
Clock and data rise time
Clock and data rise time
10
ns
CLKF, DTAF
Clock and data fall time
Clock and data fall time
10
ns
CLKHI
Clock high time
Minimum clock high period
50
ns
DTAHI
Data high time
Minimum data high period
100
ns
DTASTP
Data setup time
Minimum time from data rising edge to clock rising edge
10
ns
DTAWT
Data wait time
Minimum time from data falling edge to data rising edge
50
ns
DTAHLD
Data hold time
Minimum time from clock falling edge to data falling edge
10
ns
STOPSTP
STOP setup time
Minimum time from clock rising edge to data rising edge at STOP
10
ns
The register mapping for the register addresses 0 (000b) through 3 (011b) are shown in Table 2 through
Table 5. Table 6 describes the circuit functionality based on the register settings.
Table 2. Register 0 (000b) Mapping
address 0 (000b)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
ENA
PDP
PDR
OLE
FLTEN
MODR
EQENB
Table 3. Register 1 (001b) Mapping
address 1 (001b)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
MODC7
MODC6
MODC5
MODC4
MODC3
MODC2
MODC1
MODC0
5
Submit Documentation Feedback


Similar Part No. - ONET1191V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTR TI-ONET1191PRGTR Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTR TI1-ONET1191PRGTR Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTRG4 TI1-ONET1191PRGTRG4 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results

Similar Description - ONET1191V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
logo
Texas Instruments
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
   4 Channel 28 Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com