Electronic Components Datasheet Search |
|
PCL-102AFL000 Datasheet(PDF) 1 Page - Tyco Electronics |
|
PCL-102AFL000 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 4 page 713 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 (PDF Rev. 3-04) Features • Small size, 3A, 5A, 10A and 15A switching capacity. • Meets UL and CSA requirements. • 1 pole, 2 poles and 4 poles contact arrangements. • AC and DC coils with UL Class F (155 °C) coil insulation system standard. • Optional flange mount case. • Plug-in terminals or PCB terminals. Contact Data @ 20 °C Arrangements: 1 Form A (SPST-NO), 1 Form C (SPDT), 2 Form A (DPST-NO), 2 Form C (DPDT), 4 Form A (4PST-NO), 4 Form C (4PDT). Material: Ag, Ag Alloy. Max.Switching Rate: 300ops./min.(Mechanical). 30ops./min.(Electrical). Expected Mechanical Life: 100 million operations (no load). Expected Electrical Life: 100,000 operations (rated load). Minimum Load: 100mA @ 5VDC. Initial Contact Resistance: 50milliohms @ DC6V,1A. Contact Ratings Ratings: PCL-4 3A @ AC250V/DC24V resistive. PCL-2 5A @ AC250V/DC24V resistive. PCLH-2 15A @ AC120V resistive. 10A @ AC250V/DC24V resistive. PCLH-1 15A @ AC250V/DC24V resistive. Max. Switched Current: PCL-4 3A. PCL-2 5A. PCLH-2 15A. PCLH-1 15A. Max. Switched Power: PCL-4 660VA, 72W. PCL-2 1,100VA, 120W. PCLH-2 3,168VA, 240W. PCLH-1 3,300VA, 360W. Initial Dielectric Strength Between Open Contacts: 1,000VAC 1minute. Between Adjacent Contact Terminals: 1,500VAC 1minute. Between Contacts and Coil: 2,000VAC 1minute. Surge Voltage (Coil-Contact): 3,000V(1.2/50 µs). Initial Insulation Resistance Between Open Contacts: 1,000Mohms @ 500VDC. Between Adjacent Contact Terminals: 1,000Mohms @ 500VDC. Between Contacts and Coil: 1,000Mohms @ 500VDC. Coil Data Voltage: AC 6 - 240V. DC 6 - 110V. Nominal Power: AC abt. 1.4VA/1.2VA (50Hz/60Hz). DC abt. 0.9W. Coil Temperature Rise: AC 60 °C max. DC 50 °C max. Max. Coil Power: 110% of nominal voltage. PCL/PCLH series 3A, 5A, 10A, 15A General Purpose Miniature Relay Factory Automation, Process Controls, Electrical Panels, etc. UL File No. E58304 CSA File No. LR48471 Coil Data@ 20 °C Operate Data @ 20 °C Must Operate Voltage: AC 80% of nominal voltage or less. DC 80% of nominal voltage or less. Must Release Voltage: AC 30% of nominal voltage or more. DC 10% of nominal voltage or more. Operate Time: AC 20ms max. DC 15ms max. Release Time: AC 20ms max. DC 8ms max. Environmental Data Temperature Range: Operating: -10 °C to +55°C. Humidity: 45 to 85%. (Non-condensing). Vibration, Operational: 10 to 55Hz 1.0mm double amplitude. Mechanical: 10 to 55Hz 1.0mm double amplitude. Shock, Operational: 100m/s2 (abt. 10G). Mechanical: 1,000m/s2 (abt. 100G). Mechanical Data Termination: Plug-in, PCB. Enclosure: Snap-on cover. Weight: 1.26 oz (32g) approximately. PCL AC Coil 610 12 40 24 160 48 600 80% max. 30% min. abt. 1.4 100 2,800 110/120 3,400 200 11,000 220/240 13,600 Coil Resistance (ohms) ±10% Nominal Coil Power (VA) Rated Coil Voltage (VAC) PCL DC Coil Coil Resistance (ohms) ±10% Must Operate Voltage (VDC) Must Release Voltage (VDC) Nominal Coil Power (W) Rated Coil Voltage (VDC) 640 12 160 24 650 80% max. 10% min. 48 2,600 100/110 11,000 abt. 1.1 Must Operate Voltage (VAC) Must Release Voltage (VAC) abt. 0.9 Users should thoroughly review the technical data before selecting a product part number. It is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. |
Similar Part No. - PCL-102AFL000 |
|
Similar Description - PCL-102AFL000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |