Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5996SDX-0833 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5996SDX-0833
Description  Dual Linear Regulator with 300mA and 150mA Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996SDX-0833 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP5996SDX-0833 Datasheet HTML 4Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 5Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 6Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 7Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 8Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 9Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 10Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 11Page - National Semiconductor (TI) LP5996SDX-0833 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics. Unless otherwise specified, C
IN = 1.0µF Ceramic, COUT1 =
C
OUT2 = 1.0µF Ceramic, CBYP = 10nF, VIN =VOUT2(NOM) + 1.0V, TA = 25˚C, VOUT1(NOM) = 3.3V, VOUT2(NOM) = 3.3V, Enable
pins are tied to V
IN.
Output Voltage Change vs Temperature
Ground Current vs Load Current,LDO1
20171510
20171513
Ground Current vs Load Current, LDO2
Ground Current vs V
IN,ILOAD = 1mA
20171514
20171515
Dropout Voltage vs I
LOAD, LDO1
Dropout Voltage vs I
LOAD, LDO2
20171511
20171512
www.national.com
8


Similar Part No. - LP5996SDX-0833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996SD-1018/NOPB TI-LP5996SD-1018/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-1525/NOPB TI-LP5996SD-1525/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-1833/NOPB TI-LP5996SD-1833/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-2533/NOPB TI-LP5996SD-2533/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-2828/NOPB TI-LP5996SD-2828/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
More results

Similar Description - LP5996SDX-0833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com