Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJSB-26SL001 Datasheet(PDF) 2 Page - ITT Industries

Part # MJSB-26SL001
Description  Micro Center Jackscrew
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MJSB-26SL001 Datasheet(HTML) 2 Page - ITT Industries

  MJSB-26SL001 Datasheet HTML 1Page - ITT Industries MJSB-26SL001 Datasheet HTML 2Page - ITT Industries MJSB-26SL001 Datasheet HTML 3Page - ITT Industries MJSB-26SL001 Datasheet HTML 4Page - ITT Industries MJSB-26SL001 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micro Center Jackscrew
MJS
Unshrouded Receptacle (10-26-51-66)
40
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
MJSB/MJSU
Rear View
UNSHROUDED
STANDARD MATERIALS AND FINISHES
Micropin
Microsocket
Insulator
Copper alloy, 50 miro-inch gold
Copper alloy, 50 micro-inch gold
Stainless steel, passivated & lubricated
Stainless steel, passivated
Stainless steel, passivated
Stainless steel, passivated
Diallyl phthalate, green color
or polyetherimide, natural color
Jackscrew
Retainer, Jackscrew
Insert, Threaded
Post, Polarizing
.145 (3.68)
DIA.
MAX.
A
.055 (1.40) TYP.
C
B
.050 (1.27) TYP.
Part Number
MJSB or MJSU-10P
MJSB or MJSU-10S
MJSB or MJSU-26P
MJSB or MJSU-26S
MJSB or MJSU-51P
MJSB or MJSU-51S
MJSB or MJSU-66P
MJSB or MJSU-66S
.378 (9.60)
.378 (9.60)
.778 (19.76)
.778 (19.76)
1.028 (26.11)
1.028 (26.11)
1.280 (32.51)
1.280 (32.51)
.190 (4.83)
.190 (4.83)
.190 (4.83)
.190 (4.83)
.260 (6.60)
.260 (6.60)
.260 (6.60)
.260 (6.60)
.290 (7.37)
.290 (7.37)
.690 (17.53)
.690 (17.53)
.940 (23.88)
.940 (23.88)
1.190 (30.23)
1.190 (30.23)
A
Max.
B
Max.
C
Bsc.
.126 ± .005
(3.20 ± 0.13)
.170 ± .010 (4.32 ± 0.25)
1-64 UNC-2A
THREAD
.170 (4.32)
MAX.
.110 MAX.
(2.79)
1-64 UNC-2B
THREAD
.332 (8.43)
MAX.
POLARIZING PIN (OPTIONAL WITH LOSS OF CONTACT)
Receptacle
Plug
Shrouded Receptacle (16-28*-34)
MJSV/MJSR
A
A
.285 (7.24)
MAX.
C
C
.080 (2.03)
.065 (1.65)
.285 (7.24) MAX.
B
B
D
1-64 UNC-2B
THREAD
1-64 UNC-2A
THREAD
.205 (5.21) MAX.
.090 ± .010
(2.29 ± 0.25)
.110 (2.79) MAX.
.145
(3.68)
DIA. MAX.
Face View
Face View
Receptacle
Plug
SHROUDED
STANDARD MATERIALS AND FINISHES
Micropin
Microsocket
Insulator
Copper alloy, 50 miro-inch gold
Copper alloy, 50 micro-inch gold
Part Number
MJSV or MJSR-16P
MJSV or MJSR-16S
MJSV-28P* or MJSR-28P*
MJSV-28S* or MJSR-28S*
MJSV-34P or MJSR-34P
MJSV-34S or MJSR-34S
.700 (17.78)
.700 (17.78)
1.020 (25.91)
1.020 (25.91)
1.180 (29.97)
1.180 (29.97)
*Low profile configuration, for "L" (uninsulated solid wire) termination add .090 (2.29) to the "B" dimension.
For "H" (insulated wire) termination add .200 (5.08) to the "B" dimension. For special configurations
with backpotted standoffs consult factory.
.345 (8.76)
.320 (8.13)
.232 (5.89)
.246 (6.25)
.330 (8.38)
.305 (7.75)
.545 (13.84)
.545 (13.84)
.865 (21.97)
.865 (21.97)
1.025 (26.04)
1.025 (26.04)
.175 (4.45)
-
.062 (1.57)
-
.160 (4.06)
-
A
Max.
B
Max.
C
Ref.
D
± .006 (0.15)
Stainless steel, passivated
Stainless steel, passivated
Stainless steel, passivated
Stainless steel, passivated
Polyester, black color
Polyphenylene sulfide, black color
Jackscrew
Retainer, Jackscrew
Insert, Threaded
Post, Polarizing


Similar Part No. - MJSB-26SL001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS1 BEL-MJS1 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1-R BEL-MJS1-R Datasheet
1Mb / 4P
   TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
MJS1.25 BEL-MJS1.25 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1.5 BEL-MJS1.5 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
More results

Similar Description - MJSB-26SL001

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-837021023 ULTI-MATE-SD-837021023 Datasheet
104Kb / 1P
   MICRO STRIP CONNECTOR, SR02P3-L05, CENTER JACKSCREW HOLE
3/2/21
SD-837032913 ULTI-MATE-SD-837032913 Datasheet
215Kb / 1P
   MICRO STRIP CONNECTOR, SOCKET, CENTER JACKSCREW, SR03S3-32F5-18.0
12/24/19
SD-837031916 ULTI-MATE-SD-837031916 Datasheet
191Kb / 1P
   MICRO STRIP CONNECTOR, PIN, CENTER JACKSCREW HOLE, SR03P3-32F5-18.0
12/24/19
SD-837022913 ULTI-MATE-SD-837022913 Datasheet
122Kb / 1P
   MICRO STRIP CONNECTOR, RECEPTACLE, SIZE 2 W/CENTER JACKSCREW, SR02S3-32F5-18.0
06/20/2017
SD-837111223 ULTI-MATE-SD-837111223 Datasheet
139Kb / 1P
   MICRO STRIP CONNECTOR, 11 PIN, CENTER JACKSCREW HOLE, L04 LEADS, SR11P3-L04
10/3/13
SD-837032003 ULTI-MATE-SD-837032003 Datasheet
39Kb / 1P
   Micro Strip Solder Cup 3 Socket Center Jackscrew (screw on socket side) Plastic Shell 125 Max Temp No QPL
12-19-05
logo
Glenair, Inc.
249-033 GLENAIR-249-033 Datasheet
112Kb / 1P
   Jackscrew/Jackpost Kits
logo
Harwin Plc
M80-9410605 HARWIN-M80-9410605 Datasheet
113Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-47506050605 HARWIN-M80-47506050605 Datasheet
186Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-5610405 HARWIN-M80-5610405 Datasheet
74Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com