Electronic Components Datasheet Search |
|
S29WS064N0LBAI113 Datasheet(PDF) 5 Page - SPANSION |
|
S29WS064N0LBAI113 Datasheet(HTML) 5 Page - SPANSION |
5 / 95 page October 29, 2004 S29WSxxxN_00_F0 S29WSxxxN MirrorBit™ Flash Family 5 Pre l i m i n a r y 1 Ordering Information The ordering part number is formed by a valid combination of the following: S29WS 256 N 0S BA W 01 0 PACKING TYPE 0 = Tray (standard; see note 1) 2= 7-inch Tape and Reel 3 = 13-inch Tape and Reel MODEL NUMBER (Note 3) (Package Ball Count, Package Dimensions, DYB Protect/Unprotect After Power-up) 01 = 84-ball, 8 x 11.6 mm, DYB Unprotect 11 = 80-ball, 7 x 9 mm, DYB Protect TEMPERATURE RANGE (Note 3) W = Wireless (–25°C to +85°C) I = Industrial (–40°C to +85°C, contact factory for availability) PACKAGE TYPE AND MATERIAL BA = Very Thin Fine-Pitch BGA, Lead (Pb)-free Compliant Package BF = Very Thin Fine-Pitch BGA, Lead (Pb)-free Package SPEED OPTION (BURST FREQUENCY) 0S = 80 MHz 0P = 66 MHz 0L = 54 MHz PROCESS TECHNOLOGY N = 110 nm MirrorBit™ Technology FLASH DENSITY 256 = 256 Mb 128 = 128 Mb 064 = 64 Mb DEVICE FAMILY S29WS = 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory S29WSxxxN Valid Combinations (Notes 1, 2, 3) VIO Range DYB Power Up State Package Type (Note 2) Base Ordering Part Number Speed Option Package Type, Material, & Temperature Range Model Number Packing Type S29WS256N 0S, 0P, 0L BAW (Lead (Pb)-free Compliant), BFW (Lead (Pb)-free) 01 0, 2, 3 (Note 1) 1.70–1.95 V Unprotect 8 mm x 11.6 mm 84-ball MCP-Compatible 11 Protect S29WS128N 01 Unprotect 11 Protect S29WS064N 01 Unprotect 7 mm x 9 mm 80-ball MCP-Compatible 11 Protect Notes: 1. Type 0 is standard. Specify other options as required. 2. BGA package marking omits leading “S29” and packing type designator from ordering part number. 3. For 1.5 VIO option, other boot options, or industrial temperature range, contact your local sales office. Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult your local sales office to confirm avail- ability of specific valid combinations and to check on newly released combinations. |
Similar Part No. - S29WS064N0LBAI113 |
|
Similar Description - S29WS064N0LBAI113 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |