Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6SD106EI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 6SD106EI
Description  Six-pack SCALE Driver for IGBTs and Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

6SD106EI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  6SD106EI Datasheet HTML 1Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 2Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 3Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 4Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 5Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 6Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 7Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 8Page - List of Unclassifed Manufacturers 6SD106EI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6&$/( 'ULYHU
Data Sheet 6SD106E
Internet: w ww.IGBT- Drive r .com
Page 3
Pin Designation
Pin Des.
Function
1 GND
Ground of the power supply
2 U_SO2 Phase U, Status output channel 2
3 U_Mod Phase U, Mode input
4 U_RC2 Phase U, RC network channel 2
5 U_InB
Phase U, Input B
6 U_InA Phase U, Input A
7 U_RC1 Phase U, RC network channel 1
8 U_VL
Phase U, Logic level/Reset
9 U_SO1 Phase U, Status output channel 1
10 GND
Ground of DC/DC converter
11 GND
Ground of DC/DC converter
12 VDC
+15V for DC/DC converter
13 VDC
+15V for DC/DC converter
14 V_SO2 Phase V, Status output channel 2
15 V_Mod Phase V, Mode input
16 V_RC2 Phase V, RC network channel 1
17 V_InB
Phase V, Input B
18 V_InA Phase V, Input A
19 V_RC1 Phase V, RC network channel 1
20 V_VL
Phase V, Logic level/Reset
21 V_SO1 Phase V, Status output channel 1
22 GND
Ground of the power supply
23 GND
Ground of the power supply
24 VDD
+15V for electronic input side
25 VDD
+15V for electronic input side
26 W_SO2 Phase W, Status output channel 2
27 W_Mod Phase W, Mode input
28 W_RC2 Phase W, RC network channel 2
29 W_InB Phase W, Input B
30 W_InA Phase W, Input A
31 W_RC1 Phase W, RC network channel 1
32 W_VL Phase W, Logic level/Reset
33 W_SO1 Phase W, Status output channel 1
34 GND
Ground of the power supply
Pin Des.
Function
68 U_C2
Phase U, Collector sense ch. 2
67 U_Rth2 Phase U, Reference resistor ch. 2
66 U_E2
Phase U, Emitter channel 2
65 U_G2 Phase U, Gate channel 2
64
Free
63
Free
62 U_C1
Phase U, Collector sense ch. 1
61 U_Rth1 Phase U, Reference resistor ch. 1
60 U_E1
Phase U, Emitter channel 1
59 U_G1 Phase U, Gate channel 1
58
Free
57
Free
56 V_C2
Phase V, Collector sense ch. 2
55 V_Rth2 Phase V, Reference resistor ch. 2
54 V_E2
Phase V, Emitter channel 2
53 V_G2 Phase V, Gate channel 2
52
Free
51
Free
50 V_C1
Phase V, Collector sense ch. 1
49 V_Rth1 Phase V, Reference resistor ch. 1
48 V_E1
Phase V, Emitter channel 1
47 V_G1 Phase V, Gate channel 1
46
Free
45
Free
44 W_C2 Phase W, Collector sense ch. 2
43 W_Rth2 Phase W, Reference resistor ch. 2
42 W_E2 Phase W, Emitter channel 2
41 W_G2 Phase W, Gate channel 2
40
Free
39
Free
38 W_C1 Phase W, Collector sense ch. 1
37 W_Rth1 Phase W, Reference resistor ch. 1
36 W_E1 Phase W, Emitter channel 1
35 W_G1 Phase W, Gate channel 1
Legend:
Pins with the designation “Free” are not physically present


Similar Description - 6SD106EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
   Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
   2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
   Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
logo
IXYS Corporation
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA20W1200MC IXYS-MIXA20W1200MC Datasheet
253Kb / 6P
   Six-Pack
MIXA80W1200TEH IXYS-MIXA80W1200TEH Datasheet
564Kb / 7P
   Six-Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com