Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6SD106E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 6SD106E
Description  Six-pack SCALE Driver for IGBTs and Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

6SD106E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 6SD106E Datasheet HTML 3Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 4Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 5Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 6Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 7Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 8Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 9Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 10Page - List of Unclassifed Manufacturers 6SD106E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6&$/( 'ULYHU
Data Sheet 6SD106E
Internet: w ww.IGBT- Drive r .com
Page 7
Electrical Characteristics (Continuation)
Power supply monitoring
Test conditions
min typ max
unit
Turn-on threshold Vth
(see Note 4)
11.5
Vdc
Hysteresis on-/off
(see Note 4)
0.7
Vdc
Logic inputs
Test conditions
min typ max
unit
Input voltage
all inputs (see Note 5)
0
VDD
Vdc
Timing characteristics
Test conditions
min typ max
unit
Delay time input to output
turn-on tpd(on)
300
ns
turn-off tpd(off)
350
ns
Blocking time
after failure (see Note 14)
1s
Outputs
Test conditions
min typ max
unit
Output current IG
Gx to Ex (see Note 6)
-6
+6
Adc
Output rise time tr(out)
Gx to Ex (see Note 7)
100
ns
Output fall time tf(out)
Gx to Ex (see Note 7)
80
ns
Output current SOx
1.5
mA
Output voltage rating SOx
SOx to GND
VDD
V
Vce-Monitoring
Test conditions
min typ max
unit
Inputs Cx
to Ex
0
VDD
Vdc
Electrical isolation
Test conditions
min typ max
unit
Operating voltage
continuous (see Note 8)
800
Vdc
Test voltage
(50Hz/1min) (see Note 12)
4000
V
AC(eff)
Partial discharge extinction volt. IEC270 (see Note 11)
>1200
V
AC(pk)
Creep path input-output
12.7
mm
Creep path output-output
(see Note 13)
7.0/12.7
mm
Maximum
DV/Dt at DV =1000V (see Note 9)
100
kV/
ms
All data refer to +25°C and VDD = VDC = 15V unless otherwise specified


Similar Description - 6SD106E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
   Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
   2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
   Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
logo
IXYS Corporation
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA20W1200MC IXYS-MIXA20W1200MC Datasheet
253Kb / 6P
   Six-Pack
MIXA80W1200TEH IXYS-MIXA80W1200TEH Datasheet
564Kb / 7P
   Six-Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com