Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3108K20 Datasheet(PDF) 2 Page - ITT Industries

Part # MS3108K20
Description  Firewall Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3108K20 Datasheet(HTML) 2 Page - ITT Industries

  MS3108K20 Datasheet HTML 1Page - ITT Industries MS3108K20 Datasheet HTML 2Page - ITT Industries MS3108K20 Datasheet HTML 3Page - ITT Industries MS3108K20 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ittcannon.com
203
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Firewall Connectors
MS-K
MS3102K
• Receptacles in size 10SL are available with pin inserts only.
* Add contact arrangements. See pages 216-217.
† Add contact type: P - pin; S - socket.
A
THREAD
B
MAX
INSULATION
EXTENSION
SEE TAB
MAX
INSULATION
EXTENSION
SEE TAB
L
M
K
O
L
B
W
A
M
K
O
THREAD
S
(TYP.)
POLARIZING KEY
A
THREAD
B
M
L
K
W
O
V THREAD
T DIA.
+.010
-.003
+_.005
R
(TYP)
Box Mounting Receptacle
Part Number
B
A Thread
K
L
M
O Thread
Shell
Size
Maximum Insulation Extensions
Sizes 8S to 18 have plain rear skirt
Sizes 20 to 36 have threaded rear skirt
16
12
4
0
Contact Size
8
R
S
T
W
MS3102K8S-*†
MS3102K10SL-*†
MS3102K12S-*†
MS3102K14S-*†
MS3102K16S-*†
MS3102K16-*†
MS3102K18-*†
MS3102K20-*†
MS3102K22-*†
MS3102K24-*†
MS3102K28-*†
MS3102K32-*†
MS3102K36-*†
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.063 (1.90)
.063 (1.90)
.063 (1.90)
.063 (1.90)
.063 (1.90)
.063 (1.90)
.063 (1.90)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.125 (3.18)
59/64
61/64
61/64
61/64
61/64
1-9/64
1-9/64
1-15/64
1-18/64
1-18/64
1-18/64
1-3/8
1-29/64
7/16
39/64
21/32
23/32
27/32
27/32
31/32
1-3/16-18UNEF-2A
1-1/4-18UNEF-2A
1-7/16 18UNEF-2A
1-5/8-18UNEF-2A
1-7/8-16UN-2A
2-1/8-16UN-2A
8S
10SL-16S
16-18
20-22
24
28
32
36
11/16
51/64
13/16
13/16
47 /64
47 /64
47 /64
39/64
-
7/8
7/8
7/8
13/16
13/16
47/64
43/64
-
-
7/8
7/8
13/16
13/16
47/64
43/64
-
-
1-3/32
1-3/32
1-3/32
1-3/32
61/64
57/64
-
-
-
1-9/64
1-3/32
1-3/32
1-1/32
61/64
1/2-28UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-20UNEF-2A
1-1/8-18UNEF-2A
1-1/4-18UNEF-2A
1-3/8-18UNEF-2A
1-1/2-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
2-1/4-16UN-2A
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.813 (20.65)
.813 (20.65)
.875 (22.22)
.875 (22.22)
19/32
23/32
13/16
29/32
31/32
31/32
1-1/16
1-5/32
1-1/4
1-3/8
1-9/16
1-3/4
1-15/16
7/8
1
1-3/32
1-3/16
1-9/32
1-9/32
1-3/8
1-1/2
1-5/8
1-3/4
2
2-1/4
2-1/2
.150 (3.81)
.150 (3.81)
.150 (3.81)
.150 (3.81)
.150 (3.81)
.150 (3.81)
.177 (4.50)
.177 (4.50)
.177 (4.50)
.177 (4.50)
.177 (4.50)
.209 (5.31)
.209 (5.31)
-
-
-
-
-
-
-
.141 (3.58)
.141 (3.58)
.141 (3.58)
.141 (3.58)
.313 (7.95)
.344 (8.74)


Similar Part No. - MS3108K20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3108 GLENAIR-MS3108 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS3108A10SL-8P ITT-MS3108A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
MS3108A10SL-8S ITT-MS3108A10SL-8S Datasheet
1Mb / 5P
   Circular Connectors
MS3108A12S-8P ITT-MS3108A12S-8P Datasheet
1Mb / 5P
   Circular Connectors
MS3108A12S-8S ITT-MS3108A12S-8S Datasheet
1Mb / 5P
   Circular Connectors
More results

Similar Description - MS3108K20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADW-4200A ETC-ADW-4200A Datasheet
87Kb / 6P
   ADSL Wireless VPN / Firewall Router
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320_17 Datasheet
224Kb / 2P
   Robust Industrial Firewall Appliance
logo
Moxa Inc.
EDR-G902 MOXA-EDR-G902 Datasheet
966Kb / 6P
   Industrial secure routers with firewall/NAT/VPN
EDR-G903 MOXA-EDR-G903 Datasheet
1Mb / 6P
   Industrial secure routers with firewall/NAT/VPN
logo
ADL Embedded Solutions
MSMFW104EX ADL-MSMFW104EX Datasheet
200Kb / 1P
   Firewall Board with two 1394B & one 1394A Connections
logo
PHOENIX CONTACT
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
   Firewall/router in PCI format 533 MHz processor cycle frequency
logo
Axiomtek Co., Ltd.
IFW330 AXIOMTEK-IFW330_17 Datasheet
178Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
IFW330 AXIOMTEK-IFW330 Datasheet
187Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
logo
PHOENIX CONTACT
2702193 PHOENIX-2702193 Datasheet
46Kb / 2P
   Increased availability thanks to firewall/router and VPN redundancy
FL-MGUARD-SMART2 PHOENIX-FL-MGUARD-SMART2 Datasheet
62Kb / 3P
   Router with intelligent firewall, up to 99 Mbps data throughput (wire speed performance), stateful inspection firewall for maximum security and extremely easy configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com