Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAC-1310 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KAC-1310
Description  1280 (H) x 1024 (V) SXGA CMOS Image Sensor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KAC-1310 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KAC-1310 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 11Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 12Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 13Page - List of Unclassifed Manufacturers KAC-1310 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
IMAGE SENSOR SOLUTIONS
10
IMAGE SENSOR SOLUTIONS
KAC-1310 R ev 4
w w w .ko d ak .co m /g o/image r s
5 85-722 -4385
E m ail: im age r s @ kodak.com
Pixel Architecture
The KAC-1310 sensor comprises a 1280x1024
active pixel array and supports progressive
readout. The basic operation of the pixel relies on
the photoelectric effect where, due to its physical
properties, silicon is able to detect photons of light.
The photons generate electron-hole pairs in direct
proportion to the intensity and wavelength of the
incident illumination.
The application of an
appropriate bias allows the user to collect the
electrons and meter the charge in the form of a
useful parameter such as voltage.
The pixel architecture is based on a “four
transistor” (4T) Advanced CMOS Imager
TM1 pixel
which requires all pixels in a row to have common
Reset, Transfer, and Row Select controls.
In
addition all pixels have common supply (VDD) and
ground (VSS) connections.
This optimized cell
architecture provides enhancements such as
noise reduction, fill factor maximization, and anti-
blooming. The use of pinned photodiodes
2 and
proprietary transfer gate devices in the photo-
elements enables enhanced sensitivity in the
entire visual spectral range and a low lag
operation. The nominal photo-responses of the
KAC-1310 are shown in Figure 14 (monochrome
sensor without microlenses), Figure 15 (Bayer
RGB sensor with microlenses) and Figure 16
(Bayer CMY sensor with microlenses).
1 Advanced CMOS Imager (ACI) is a Kodak trademark
2 Patents held jointly by Kodak and Motorola
In addition to the imaging pixels, there are
additional pixels called dark and isolation pixels at
the periphery of the imaging section (see Figure
3). The dark pixels are covered by a light blocking
shield rendering the pixels underneath insensitive
to photons.
These pixels provide the sensor
means to measure the dark level offset which is
used downstream in the signal processing chain to
perform auto black level calibration. The isolation
pixels are provided at the array’s periphery to
eliminate inexact measurements due to light piping
into the dark pixels adjacent to active pixels and
for extra pixels needed for color interpolation
algorithms. Electronic shuttering, also known as
electronic exposure timing in photographic terms,
is a standard feature. The pixel integration time
can be widely varied from a small fraction of a
given frame readout time to the entire frame time.


Similar Part No. - KAC-1310

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KAC-1 COOPER-KAC-1 Datasheet
750Kb / 20P
   High Speed Fuses
KAC-1 COOPER-KAC-1 Datasheet
32Kb / 1P
   KAC 600V
KAC-10 COOPER-KAC-10 Datasheet
750Kb / 20P
   High Speed Fuses
KAC-100 COOPER-KAC-100 Datasheet
750Kb / 20P
   High Speed Fuses
KAC-1000 COOPER-KAC-1000 Datasheet
750Kb / 20P
   High Speed Fuses
More results

Similar Description - KAC-1310

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
logo
AAEON Technology
APC-9172 AAEON-APC-9172 Datasheet
565Kb / 2P
   17??TFT SXGA (1280 x 1024) LCD
APC-8172 AAEON-APC-8172 Datasheet
345Kb / 2P
   17??TFT SXGA (1280 x 1024) LCD
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
logo
Samsung semiconductor
S5K3A1EA SAMSUNG-S5K3A1EA Datasheet
327Kb / 34P
   (1/3??SXGA CMOS Image Sensor)
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
   Monochrome CMOS Image Sensor SXGA 18 FPS
logo
List of Unclassifed Man...
KAF-1602E ETC2-KAF-1602E Datasheet
109Kb / 15P
   1536 (H) x 1024 (V) Pixel Full-Frame CCD Image Sensor Performance Specification
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
   LM9648 Color CMOS Image Sensor SXGA 18 FPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com