Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUD43D2-1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUD43D2-1
Description  Bipolar NPN Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD43D2-1 Datasheet(HTML) 3 Page - ON Semiconductor

  BUD43D2-1 Datasheet HTML 1Page - ON Semiconductor BUD43D2-1 Datasheet HTML 2Page - ON Semiconductor BUD43D2-1 Datasheet HTML 3Page - ON Semiconductor BUD43D2-1 Datasheet HTML 4Page - ON Semiconductor BUD43D2-1 Datasheet HTML 5Page - ON Semiconductor BUD43D2-1 Datasheet HTML 6Page - ON Semiconductor BUD43D2-1 Datasheet HTML 7Page - ON Semiconductor BUD43D2-1 Datasheet HTML 8Page - ON Semiconductor BUD43D2-1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BUD43D2
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC SATURATION VOLTAGE
IC = 400 mA
IB1 =40mA
@ 1
ms
@ TC = 25°C
@ TC = 125°C
VCE(dsat)
3.3
6.8
V
Dynamic Saturation
IB1 = 40 mA
VCC = 300 Vdc
@ 3
ms
@ TC = 25°C
@ TC = 125°C
0.5
1.3
Dynamic Saturation
Voltage
IC = 1 A
IB1 = 200 mA
@ 1
ms
@ TC = 25°C
@ TC = 125°C
4.4
12.8
IB1 = 200 mA
VCC = 300 Vdc
@ 3
ms
@ TC = 25°C
@ TC = 125°C
0.5
1.8
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
13
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
50
75
pF
Input Capacitance (VEB = 8 Vdc, f = 1 MHz)
Cib
250
500
pF
SWITCHING CHARACTERISTICS: Resistive Load (Vclamp = 300 V, VCC = 15 V, L = 200 mH)
Turn–on Time
IC = 1 Adc, IB1 = 0.2 Adc
IB2 =05Adc
@ TC = 25°C
@ TC = 125°C
ton
200
200
250
ns
Turn–off Time
IB2 = 0.5 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
1.5
1.5
1.75
ms
Turn–on Time
IC = 0.5 Adc, IB1 = 50 mAdc
IB2 = 250 mAdc
@ TC = 25°C
@ TC = 125°C
ton
225
600
300
ns
Turn–off Time
IB2 = 250 mAdc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
800
1300
1100
ns
SWITCHING CHARACTERISTICS: Inductive Load
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
90
105
150
ns
Storage Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
ts
0.55
0.7
0.75
ms
Crossover Time
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tc
85
80
150
ns
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
100
90
150
ns
Storage Time
IC = 1.0 Adc
IB1 = 0.2 Adc
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
ts
1.05
1.45
1.5
ms
Crossover Time
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tc
100
100
175
ns
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
110
180
150
ns
Storage Time
IC = 0.8 Adc
IB1 = 160 mAdc
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
ts
2.5
2.8
2.8
ms
Crossover Time
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
tc
150
400
250
ns
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
150
175
225
ns
Storage Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
ts
1.7
2.2
2.0
ms
Crossover Time
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
tc
125
330
250
ns


Similar Part No. - BUD43D2-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
logo
ON Semiconductor
BUD43B ONSEMI-BUD43B Datasheet
155Kb / 4P
   NPN Silicon Power Transistors
August, 2006 ??Rev. 3
More results

Similar Description - BUD43D2-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
   NPN BIPOLAR TRANSISTOR
logo
Seme LAB
2N3767SMD05 SEME-LAB-2N3767SMD05 Datasheet
21Kb / 2P
   NPN BIPOLAR TRANSISTOR
logo
Microsemi Corporation
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
   NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
   NPN BIPOLAR TRANSISTOR
2N3700 MICROSEMI-2N3700 Datasheet
63Kb / 2P
   NPN BIPOLAR TRANSISTOR
2N2369A MICROSEMI-2N2369A Datasheet
63Kb / 2P
   NPN BIPOLAR TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
   NPN SILICON BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
   NPN SILICON BIPOLAR TRANSISTOR
logo
KODENSHI_AUK CORP.
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
   Dual NPN Bipolar transistor
logo
TT Electronics.
BUX62 TTELEC-BUX62 Datasheet
186Kb / 3P
   SILICON NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com