Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG507A-MIL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG507A-MIL
Description  Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG507A-MIL Datasheet(HTML) 4 Page - Vishay Siliconix

  DG507A-MIL Datasheet HTML 1Page - Vishay Siliconix DG507A-MIL Datasheet HTML 2Page - Vishay Siliconix DG507A-MIL Datasheet HTML 3Page - Vishay Siliconix DG507A-MIL Datasheet HTML 4Page - Vishay Siliconix DG507A-MIL Datasheet HTML 5Page - Vishay Siliconix DG507A-MIL Datasheet HTML 6Page - Vishay Siliconix DG507A-MIL Datasheet HTML 7Page - Vishay Siliconix DG507A-MIL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DG506A_MIL/507A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-4
Document Number: 70066
S-00405—Rev. D, 21-Feb-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. VD and Power Supply
Input Switching Threshold vs.
V+ and V– Supply Voltages
Supply Current vs. Switching Frequency
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
rDS(on) vs. VD and Temperature
VD – Drain Voltage (V)
V+, V– Positive and Negative Supplies (V)
VD – Drain Voltage (V)
VS – Source Voltage (V)
f – Frequency (Hz)
f – Frequency (Hz)
15
–15
2.5
2.0
1.5
1.0
0.5
0
400
16
–15
–10
–5
0
5
10
14
12
10
8
6
4
2
0
350
300
250
200
150
100
50
0
–10
–5
0
5
10
15
125
_C
600
–20
–10
0
10
20
500
400
300
200
100
V+ = 15 V
V– = –15 V
V+ = 15 V
V– = –15 V
0
6
4
2
0
–2
–4
–6
V+ = 15 V
V– = –15 V
100 k
10 k
1 M
0
–20
–40
–60
–80
–100
–120
1 k
1 M
10 M
10 k
100 k
CerDIP
Plastic
V+ = 15 V
V– = –15 V
ref. 0.0 dBm
”10
"5 V
"7.5 V
"10 V
"15 V
"20 V
”5
”15
”20
I–
I+
25
_C
–55
_C


Similar Part No. - DG507A-MIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG507A INTERSIL-DG507A Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG507A MAXIM-DG507A Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG507A MAXIM-DG507A Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
DG507AAK MAXIM-DG507AAK Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG507AAK MAXIM-DG507AAK Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
More results

Similar Description - DG507A-MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
18-Jul-08
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com