Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1882Z-050+TR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1882Z-050+TR
Description  Dual Log Audio Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1882Z-050+TR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1882Z-050+TR Datasheet HTML 1Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 2Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 3Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 4Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 5Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 6Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 7Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 8Page - Maxim Integrated Products DS1882Z-050+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Dual Log Audio Digital Potentiometer
_____________________________________________________________________
5
POTENTIOMETER 1 (CONFIGURATON 2)
ATTENUATION vs. SETTING
SETTING (DEC)
30
24
18
12
6
-80.0
-60.0
-40.0
-20.0
0
-100.0
033
27
21
15
9
3
END-TO-END RESISTANCE PERCENT
CHANGE FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20406080
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
POTENTIOMETER 1
POTENTIOMETER 0
RESISTANCE vs. POWER-UP VOLTAGE
POWER-UP VOLTAGE (V)
5
4
3
2
1
20
40
60
80
100
0
0
PROGRAMMED
RESISTANCE (6dBh)
MUTE
HIGH IMPEDANCE
RESISTANCE
vs. POWER-DOWN VOLTAGE
POWER-DOWN VOLTAGE (V)
5
4
3
2
1
20
40
60
80
100
0
0
PROGRAMMED
RESISTANCE (6dBh)
MUTE
HIGH IMPEDANCE
ICC vs. ZERO-CROSSING TIMING
TIME (ms)
100
200
300
400
500
600
700
800
900
1000
0
ZERO-CROSSING
TIMEOUT OR ZERO-
CROSSING EVENT
ZERO-CROSSING
DETECTION
ACTIVATED
TYPICAL
TIMEOUT
OF 50ms
CROSSTALK vs. FREQUENCY (-6dB)
FREQUENCY (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0.01
0.10
1.00
10.00
100.00
Typical Operating Characteristics (continued)
(VDD = VCC = +5.0V, V- = -5.0V, TA = +25°C.)
THD+N vs. FREQUENCY (0dB)
FREQUENCY (kHz)
10.00
1.00
0.10
0.0002
0.0004
0.0006
0.0008
0.0010
0.0012
0.0014
0.0016
0.0018
0
0.01
100.00


Similar Part No. - DS1882Z-050+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881E-045 MAXIM-DS1881E-045 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881E-045R MAXIM-DS1881E-045R Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881E-045T MAXIM-DS1881E-045T Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881Z-045 MAXIM-DS1881Z-045 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
More results

Similar Description - DS1882Z-050+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
Maxim Integrated Produc...
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
logo
ON Semiconductor
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com