Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3102K8S Datasheet(PDF) 3 Page - ITT Industries

Part # MS3102K8S
Description  Firewall Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3102K8S Datasheet(HTML) 3 Page - ITT Industries

  MS3102K8S Datasheet HTML 1Page - ITT Industries MS3102K8S Datasheet HTML 2Page - ITT Industries MS3102K8S Datasheet HTML 3Page - ITT Industries MS3102K8S Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.ittcannon.com
204
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Firewall Connectors
MS-K
MS3106K
Pin Insert
Socket Insert
Sizes 8S to 16 - one piece construction
V THREAD
V THREAD
A THREAD
A THREAD
J
J
L
L
W
W
POLARIZING
GROOVE
POLARIZING
GROOVE
M
J
A THREAD
V THREAD
U
POLARIZING GROOVE
W
Q
Q
Q
Sizes 18 to 36 - two piece construction
MS3108K
• Plugs in size 10SL are available with socket inserts only.
* Add contact arrangements. See pages 216-217.
† Add contact type: P - pin; S - socket.
Straight Plug
90˚ Angle Plug
Part Number
A Thread
J
L
Q
W
MS3106K8S-*†
MS3106K10SL-*†
MS3106K12S-*†
MS3106K14S-*†
MS3106K16S-*†
MS3106K16-*†
MS3106K18-*†
MS3106K20-*†
MS3106K22-*†
MS3106K24-*†
MS3106K28-*†
MS3106K32-*†
MS3106K36-*†
.531 (13.49)
.531 (13.49)
.531 (13.49)
.531 (13.49)
.531 (13.49)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
1-1/4
1-7/16
1-7/16
1-7/16
1-7/16
1-5/8
2-1/16
2-11/64
2-5/32
2-21/64
2-5/16
2-25/64
2-17/32
3/4
31/32
1
1-1/8
1-1/4
1-1/4
1-11/32
1-15/32
1-19/32
1-23/32
1-31/32
2-7/32
2-15/32
1/2-28UNEF-2B
5/8-24UNEF-2B
3/4-20UNEF-2B
7/8-20UNEF-2B
1-20UNEF-2B
1-20UNEF-2B
1-1/8-18UNEF-2B
1-1/4-18UNEF-2B
1-3/8-18UNEF-2B
1-1/2-18UNEF-2B
1-3/4-18UNS-2B
2-18UNS-2B
2-1/4-16UN-2B
V Thread
1/2-28UNEF-2A
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-3/16-18UNEF-2A
1-3/16-18UNEF-2A
1-7/16-18UNEF-2A
1-7/16-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.438 (11.13)
.500 (12.70)
• Plugs in size 10SL are available with socket inserts only.
* Add contact arrangement. See pages 216-217.
† Add contact type: P - pin; S - socket.
Part Number
A Thread
J
Q
M
U
W
MS3108K10SL-*†
MS3108K12S-*†
MS3108K14S-*†
MS3108K16S-*†
MS3108K16-*†
MS3108K18-*†
MS3108K20-*†
MS3108K22-*†
MS3108K24-*†
MS3108K28-*†
MS3108K32-*†
MS3108K36-*†
.531 (13.49)
.531 (13.49)
.531 (13.49)
.531 (13.49)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
.719 (18.26)
1-41/64
1-41/64
1-29/32
1-29/32
2-3/32
2-15/64
2-19/32
2-19/32
2-49/64
2-49/64
3-1/4
3-1/4
31/32
1
1-1/8
1-1/4
1-1/4
1-11/32
1-15/32
1-19/32
1-23/32
1-31/32
2-7/32
2-15/32
1-21/64
1-21/64
1-27/64
1-27/64
1-27/64
1-31/64
1-21/32
1-21/32
1-63/64
1-63/64
2-7/32
2-9/32
5/8-24UNEF-2B
3/4-20UNEF-2B
7/8-20UNEF-2B
1-20UNEF-2B
1-20UNEF-2B
1-1/8-18UNEF-2B
1-1/4-18UNEF-2B
1-3/8-18UNEF-2B
1-1/2-18UNEF-2B
1-3/4-18UNS-2B
2-18UNS-2B
2-1/4-16UN-2B
V Thread
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-3/16-18UNEF-2A
1-3/16-18UNEF-2A
1-7/16-18UNEF-2A
1-7/16-18UNEF-2A
1-3/4-18UNS-2A
2-18-UNS-2A
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.438 (11.13)
.500 (12.70)


Similar Part No. - MS3102K8S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3102 GLENAIR-MS3102 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS3102A10SL-8P ITT-MS3102A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
MS3102A10SL-8S ITT-MS3102A10SL-8S Datasheet
1Mb / 5P
   Circular Connectors
logo
Amphenol Corporation
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
ITT Industries
MS3102A12S-8P ITT-MS3102A12S-8P Datasheet
1Mb / 5P
   Circular Connectors
More results

Similar Description - MS3102K8S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADW-4200A ETC-ADW-4200A Datasheet
87Kb / 6P
   ADSL Wireless VPN / Firewall Router
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320_17 Datasheet
224Kb / 2P
   Robust Industrial Firewall Appliance
logo
Moxa Inc.
EDR-G902 MOXA-EDR-G902 Datasheet
966Kb / 6P
   Industrial secure routers with firewall/NAT/VPN
EDR-G903 MOXA-EDR-G903 Datasheet
1Mb / 6P
   Industrial secure routers with firewall/NAT/VPN
logo
ADL Embedded Solutions
MSMFW104EX ADL-MSMFW104EX Datasheet
200Kb / 1P
   Firewall Board with two 1394B & one 1394A Connections
logo
PHOENIX CONTACT
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
   Firewall/router in PCI format 533 MHz processor cycle frequency
logo
Axiomtek Co., Ltd.
IFW330 AXIOMTEK-IFW330_17 Datasheet
178Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
IFW330 AXIOMTEK-IFW330 Datasheet
187Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
logo
PHOENIX CONTACT
2702193 PHOENIX-2702193 Datasheet
46Kb / 2P
   Increased availability thanks to firewall/router and VPN redundancy
FL-MGUARD-SMART2 PHOENIX-FL-MGUARD-SMART2 Datasheet
62Kb / 3P
   Router with intelligent firewall, up to 99 Mbps data throughput (wire speed performance), stateful inspection firewall for maximum security and extremely easy configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com