Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2714E+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2714E+
Description  Quad Loose Cell NiMH Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2714E+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2714E+ Datasheet HTML 4Page - Maxim Integrated Products DS2714E+ Datasheet HTML 5Page - Maxim Integrated Products DS2714E+ Datasheet HTML 6Page - Maxim Integrated Products DS2714E+ Datasheet HTML 7Page - Maxim Integrated Products DS2714E+ Datasheet HTML 8Page - Maxim Integrated Products DS2714E+ Datasheet HTML 9Page - Maxim Integrated Products DS2714E+ Datasheet HTML 10Page - Maxim Integrated Products DS2714E+ Datasheet HTML 11Page - Maxim Integrated Products DS2714E+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS2714: Quad Loose Cell NiMH Charger
9 of 12
CHARGE TIMER
The Charge Timer monitors the duration of charge in Fast and Top-Off charge phases, and is reset at the
beginning of each phase. The time-out period is set with an external resistor connected from the TMR pin to VSS.
Resistors can be selected to support Fast charge time-out periods of 0.5 to 10 hours and Top-off charge time-out
periods of 0.25 to 5 hours. If the timer expires in Fast charge, the timer count is reset and charging proceeds to the
Top-Off charge phase. The Top-Off time-out period is half of the Fast charge time-out period. When the timer
expires in Top-Off, charging proceeds to the Maintenance phase. The programmed charge time approximately
follows the equation:
t = 1.5 * R / 1000
(time in minutes)
SUSPEND
Suspension of charge activity is possible by floating the TMR pin. All CCx outputs become high-Z and the Charge
Timer stops. The state machine and all timers are reset to their Presence Test conditions.
TEMPERATURE SENSE
Connecting an external 10kΩ NTC thermistor between THM1 or THM2 (THMx) and VSS, and a 10kΩ bias resistor
between VDD and THMx allows the DS2714 to sense temperature. In order to sense the temperature of the battery
cells, locate the thermistor close to the body of the battery cell. The THM1 thermistor should be placed between
cells 1 and 2, and THM2 thermistor between cells 3 and 4. Alternatively, the thermistors can sense ambient
temperature by locating them away from the cells. THM1 and THM2 can be tied together to sense temperature
using a single thermistor and bias resistor. The temperature qualification function can be defeated by tying THMx
pins to a single resistor divider supplying a voltage between the Thermistor-Min and Thermistor-Max threshold
voltages.
MIN, MAX TEMPERATURE COMPARE
The voltage thresholds of the THMx inputs (VTHM-MIN, VTHM-MAX) are set to allow Fast charging to start if 0
°C <
TA < 45
°C when using the recommended 10kΩ bias and 10kΩ thermistor. If Fast charging is in progress, and the
voltage on THMx reaches VTHM-STOP (TA > 50
°C), Fast charging stops and the maintenance phase begins. In
Pre-charge the device will transition to the Fault state if the voltage on THMx reaches VTHM-STOP.
Table 1. THM1, THM2 Thresholds
TEMPERATURE
THM
THRESHOLD
RATIO
OF VDD
THERMISTOR
RESISTANCE
Semitec
103AT-2
Fenwal
197-103LAG-A01
173-103LAF-301
MIN
0.73
27.04k
0C
4C
MAX
0.33
4.925k
45C
42C
STOP
0.29
4.085k
50C
47C
CELL VOLTAGE MONITORING
Individual cell voltages are monitored for minimum and maximum values, using the VBAT-LOW , VBAT-MAX1 and VBAT-
MAX2 threshold limits. Upon inserting a cell or power-up with cells inserted, cell voltages must be less than the VBAT-
MAX1 threshold before charging begins. The VBAT-LOW threshold determines whether a Pre-charge cycle should
precede the Fast charge cycle, and when to transition from Pre-charge to Fast charge. Once Fast charging
commences, cell voltages are compared to the VBAT-MAX2 threshold once every 2 seconds. The comparison occurs
while the charge control pin (CC1-4) controlling current to the cell is active (low). When the charge control pin is
active such that charge is applied to the cell, the cell voltage is referred to as the VON voltage. When the charge
control pin is inactive, the cell voltage is referred to as the VOFF voltage. Charging is halted and a Fault condition is
displayed if VON is greater than VBAT-MAX2. Charging is also halted and a fault condition is entered if VOFF is greater
than VBAT-MAX1. While Fast charge is in progress, cell voltage measurements are stored and compared to future
measurements for charge termination and cell test purposes.


Similar Part No. - DS2714E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2714E++ MAXIM-DS2714E+ Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
DS2714E+TR MAXIM-DS2714E+TR Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
More results

Similar Description - DS2714E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Energizer
CHDC8 ENERGIZER-CHDC8 Datasheet
122Kb / 1P
   NiMH Battery Charger
CHFM ENERGIZER-CHFM Datasheet
151Kb / 1P
   NiMH Battery Charger
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711_11 Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
logo
Energizer
CHP4 ENERGIZER-CHP4 Datasheet
251Kb / 1P
   NiMH Battery Charger
CHPRO ENERGIZER-CHPRO Datasheet
492Kb / 1P
   NiMH Battery Charger
CH15MN2 ENERGIZER-CH15MN2 Datasheet
244Kb / 1P
   NiMH Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com