Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS256ND0BFWEJ3 Datasheet(PDF) 5 Page - SPANSION

Part # S71WS256ND0BFWEJ3
Description  Stacked Multi-Chip Product (MCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256ND0BFWEJ3 Datasheet(HTML) 5 Page - SPANSION

  S71WS256ND0BFWEJ3 Datasheet HTML 1Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 2Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 3Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 4Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 5Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 6Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 7Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 8Page - SPANSION S71WS256ND0BFWEJ3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
July 19, 2006 S71WS-N_00_A6
S71WS-N
3
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
2.
Ordering Information
The order number is formed by a valid combinations of the following:
2.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Package Marking Note:
The package marking omits the leading S from the ordering part number.
S71WS
256
N
C
0
BA
W
A
K
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
RAM Supplier, DYB Power Up, Speed Combinations
K = 2 = CellularRAM 2, 0, 54 MHz
P = 2 = CellularRAM 2, 1, 54 MHz
J
= 2 = CellularRAM 2, 0, 66 MHz
N = 2 = CellularRAM 2, 1, 66 MHz
H = 2 = CellularRAM 2, 0, 80 MHz
M = 2 = CellularRAM 2, 1, 80 MHz
Package Modifier
A = 8x11.6x1.2 mm, 84-ball FBGA
T
= 8x11.6x1.4 mm, 84-ball FBGA
E = 9x12x1.4 mm, 84-ball FBGA
Y = 9x12x1.2 mm, 84-ball FBGA
Temperature Range
W = Wireless (-25°C to +85°C)
Package Type
BA = Very Thin FIne-Pitch BGA, Lead (Pb)-free Compliant Package
BF = Very Thin FIne-Pitch BGA, Lead (Pb)-free Package
Chip Contents—2
No content
pSRAM Density
B= 32 Mb
C= 64 Mb
D= 128 Mb
Process Technology
N = 110-nm MirrorBit™ Technology
Code Flash Density
512= 512 Mb (2x256Mb)
256= 256 Mb
128= 128 Mb
Product Family
S71WS = Multi-Chip Product, 1.8 Volt-only Simultaneous Read/Write Burst
Mode Flash Memory + pSRAM
Table 2.1 MCP Configurations and Valid Combinations
Valid Combinations
S71WS128N
B
0BAW, BFW
A
K, P, J, N, H, M
C
A
K, P, J, N, H, M
S71WS256N
C
A
K, P, J, N, H, M
D
Y
K, P, J, N, H, M
S71WS512N
C
A
K, P, H, M
T
J, N, H, M
D
E
K, P, J, N, H, M


Similar Part No. - S71WS256ND0BFWEJ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256ND0BFWE20 SPANSION-S71WS256ND0BFWE20 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BFWE22 SPANSION-S71WS256ND0BFWE22 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BFWE23 SPANSION-S71WS256ND0BFWE23 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BFWE30 SPANSION-S71WS256ND0BFWE30 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BFWE32 SPANSION-S71WS256ND0BFWE32 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS256ND0BFWEJ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com