Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX536AJQ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX536AJQ
Description  True RMS-to-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AJQ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX536AJQ Datasheet HTML 1Page - Maxim Integrated Products MX536AJQ Datasheet HTML 2Page - Maxim Integrated Products MX536AJQ Datasheet HTML 3Page - Maxim Integrated Products MX536AJQ Datasheet HTML 4Page - Maxim Integrated Products MX536AJQ Datasheet HTML 5Page - Maxim Integrated Products MX536AJQ Datasheet HTML 6Page - Maxim Integrated Products MX536AJQ Datasheet HTML 7Page - Maxim Integrated Products MX536AJQ Datasheet HTML 8Page - Maxim Integrated Products MX536AJQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
True RMS-to-DC Converters
_______________________________________________________________________________________
3
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
VRMS
0 to 7
±15V Supplies
Continuous RMS Peak Transient
±20
VPK
0 to 2
VRMS
Input Signal Range
±5V Supplies
Continuous RMS Peak Transient
±7
VPK
Safe Input
All Supplies
±25
VPK
Input Resistance
13.33
16.7
20.00
k
MX536AJ, AS
0.8
±2
mV
Input Offset Voltage
MX536AK
0.5
±1
MX536AJ
±1
±2
MX536AK
±0.5
±1
TA = +25°C
MX536AS
±2
mV
MX536AJ, AK
±0.1
TA = TMIN to TMAX
MX536AS
±0.2
mV/°C
MX536AJ, AK
±0.1
Offset Voltage
Supply Voltage
MX536AS
±0.2
mV/V
±15V Supplies
0 to 11
12.5
Output Voltage Swing
±5V Supplies
0 to 2
V
Source
5
mA
Output Current
Sink
-130
µA
Short Circuit Current
20
mA
Output Resistance
0.5
MX536AJ
±0.4
±0.6
dB
MX536AK
±0.2
±0.3
Error
VIN = 7mV to 7VRMS,
0dB = 1VRMS
MX536AS
±0.5
±0.6
Scale Factor
-3
mV/dB
Scale Factor TC (Uncompensated)
0.33
% of
Reading/°C
ELECTRICAL CHARACTERISTICS—MX536A (continued)
(TA = +25°C, +VS = +15V, -VS = -15V, unless otherwise noted.)
IREF
0dB = 1VRMS
5
20
80
µA
IREF Range
1
100
µA
IOUT Scale Factor
40
µA/VRMS
IOUT Scale Factor Tolerance
±10
±20
%
Output Resistance
20
25
30
k
Voltage Compliance
-VS to
(+VS - 2.5)
V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
dB OUTPUT
IOUT TERMINAL


Similar Part No. - MX536AJQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX536AJC/D MAXIM-MX536AJC/D Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJCWE MAXIM-MX536AJCWE Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJD MAXIM-MX536AJD Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJH MAXIM-MX536AJH Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJN MAXIM-MX536AJN Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX536AJQ

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536A MAXIM-MX536A Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com