Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3992Z-18P+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3992Z-18P+
Description  Two-Channel, Push-Pull CCFL Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3992Z-18P+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3992Z-18P+ Datasheet HTML 3Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 4Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 5Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 6Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 7Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 8Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 9Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 10Page - Maxim Integrated Products DS3992Z-18P+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
Each DS3992 channel drives two logic-level n-channel
MOSFETs that are connected between the ends of
a step-up transformer and ground (See the
Typical
Operating Circuits). The transformer has a center tap
on the primary side that is connected to the DC inverter
voltage supply. The DS3992 alternately turns on the two
MOSFETs to create the high-voltage AC waveform on
the secondary side. By varying the duration of the
MOSFET turn-on times, the DS3992 is able to accurate-
ly control the CCFL current.
A resistor in series with the CCFL’s ground connection
enables current monitoring. The voltage across this
resistor is fed to the lamp current monitor (LCM) input
and compared to an internal reference voltage to deter-
mine the duty cycle for the MOSFET gates.
The DS3992 supports a 1 lamp per channel configura-
tion with fully independent lamp control and minimal
external components. The DS3992 is also capable of
controlling more than 1 lamp per channel using a
wired-OR feedback circuit. See the
Typical Operating
Circuits section for more information.
Block diagrams of the DS3992 are shown in Figures 1
and 2. More operating details of the DS3992 are dis-
cussed on the following pages of this data sheet.
Dimming Control
The DS3992 uses “burst” dimming to control the lamp
brightness. An analog voltage applied at the BRIGHT
input pin determines the duty cycle of a digital pulse-
width-modulated (DPWM) signal (90Hz to 220Hz for
DS3992Z-09P/DS3992Z-09N and 180Hz to 440Hz for
DS3992Z-18P/DS3992Z-18N). During the high period of
the DPWM cycle, the lamp is driven at the selected
lamp frequency (40kHz to 80kHz) as shown in Figure 3.
This part of the cycle is also called the “burst” period
because of the lamp frequency burst that occurs
Two-Channel, Push-Pull CCFL Controller
_____________________________________________________________________
7
Functional Diagrams (continued)
GATE
DRIVERS
GAn
GBn
DIGITAL
CCFL
CONTROLLER
CHANNEL FAULT
512 x LAMP FREQUENCY
[20.48MHz TO 40.96MHz]
LAMP FREQUENCY
[40kHz TO 80kHz]
DIMMING PWM SIGNAL
CHANNEL ENABLE
MOSFET
GATE
DRIVERS
LCMn
LAMP CURRENT MONITOR
400mV
2.0V
LAMP OVERCURRENT
LAMP STRIKE AND REGULATION
LAMP OUT
1.0V
1.0V
OVDn
OVERVOLTAGE DETECTOR
LAMP MAXIMUM VOLTAGE REGULATION
64 LAMP CYCLE
INTEGRATOR
OVERVOLTAGE
Figure 2. DS3992 Per Channel Logic Diagram
90Hz TO 220Hz
OR
180Hz TO 440Hz
LAMP CURRENT
DPWM SIGNAL
Figure 3. Digital-PWM Dimming and Soft-Start


Similar Part No. - DS3992Z-18P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991V MAXIM-DS3991V Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VC MAXIM-DS3991VC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VR MAXIM-DS3991VR Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VRC MAXIM-DS3991VRC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
More results

Similar Description - DS3992Z-18P+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com