Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP08VKI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP08VKI
Description  5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP08VKI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP08VKI Datasheet HTML 1Page - Micrel Semiconductor SY10EP08VKI Datasheet HTML 2Page - Micrel Semiconductor SY10EP08VKI Datasheet HTML 3Page - Micrel Semiconductor SY10EP08VKI Datasheet HTML 4Page - Micrel Semiconductor SY10EP08VKI Datasheet HTML 5Page - Micrel Semiconductor SY10EP08VKI Datasheet HTML 6Page - Micrel Semiconductor SY10EP08VKI Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ECL Pro™
SY10EP08V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
1
D0
/D0
D1
/D1
8
VCC
Q
/Q
VEE
7
6
5
2
3
4
Available in 8-Pin SOIC and
MSOP Packages
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EP08VZC
Z8-1
Commercial
HEP08V
Sn-Pb
SY10EP08VZCTR(2)
Z8-1
Commercial
HEP08V
Sn-Pb
SY10EP08VKC
K8-1
Commercial
HP08
Sn-Pb
SY10EP08VKCTR(2)
K8-1
Commercial
HP08
Sn-Pb
SY10EP08VZI
Z8-1
Industrial
HEP08V
Sn-Pb
SY10EP08VZITR(2)
Z8-1
Industrial
HEP08V
Sn-Pb
SY10EP08VKI
K8-1
Industrial
HP08
Sn-Pb
SY10EP08VKITR(2)
K8-1
Industrial
HP08
Sn-Pb
SY10EP08VZG(3)
Z8-1
Industrial
HEP08V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP08VZGTR(2, 3)
Z8-1
Industrial
HEP08V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP08VKG(3)
K8-1
Industrial
HP08 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP08VKGTR(2, 3)
K8-1
Industrial
HP08 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.


Similar Part No. - SY10EP08VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01VKCTR MICREL-SY10EP01VKCTR Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
More results

Similar Description - SY10EP08VKI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com