Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3992 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3992
Description  Two-Channel, Push-Pull CCFL Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3992 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3992 Datasheet HTML 5Page - Maxim Integrated Products DS3992 Datasheet HTML 6Page - Maxim Integrated Products DS3992 Datasheet HTML 7Page - Maxim Integrated Products DS3992 Datasheet HTML 8Page - Maxim Integrated Products DS3992 Datasheet HTML 9Page - Maxim Integrated Products DS3992 Datasheet HTML 10Page - Maxim Integrated Products DS3992 Datasheet HTML 11Page - Maxim Integrated Products DS3992 Datasheet HTML 12Page - Maxim Integrated Products DS3992 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Two-Channel, Push-Pull CCFL Controller
_____________________________________________________________________
9
When both the DS3992 and the DC inverter supplies
are at acceptable levels, the DS3992 will attempt to
strike the lamps. The DS3992 slowly ramps up the
MOSFET gate duty cycle until the lamp strikes. The
controller detects that the lamp has struck by detecting
current flow in the lamp. If during the strike ramp, the
maximum allowable voltage is reached, the controller
will stop increasing the MOSFET gate duty cycle to
keep from overstressing the system. The DS3992 will
go into a fault-handling state if the lamp has not struck
after 65,536 lamp cycles. If an overvoltage event is
detected during the strike attempt, the DS3992 will dis-
able the MOSFET gate drivers and go into the fault-
handling state.
Once the lamp is struck, the DS3992 moves to the run
lamp stage. In the run lamp stage, the DS3992 adjusts
the MOSFET gate duty cycle to optimize the lamp cur-
rent. The gate duty cycle is always constrained to keep
the system from exceeding the maximum allowable
lamp voltage. If lamp current ever drops below the
lamp out reference point for 65536 lamp cycles, then
the lamp is considered extinguished. In this case the
MOSFET gate drivers are disabled and the device
moves to the fault handling stage.
In the case of a lamp overcurrent condition, the
DS3992 will instantaneously declare the controller to be
in a fault state. If either channel on the DS3992 goes
into the fault state, only the faulty channel will be shut
down. Once a fault state is entered, the controller will
remain in that state until one of the following occurs:
•VCC drops below the UVLO threshold.
The SVM input drops below 2.0V.
Applications Information
Component Selection
External component selection has a large impact on the
overall system performance and cost. The two most
important external components are the transformers
and n-channel MOSFETs.
The transformer should be able to operate in the 40kHz
to 80kHz frequency range of the DS3992, and the turns
ratio should be selected so the MOSFET drivers run at
28% to 35% duty cycle during steady-state operation.
The transformer must be able to withstand the high
open-circuit voltage that will be used to strike the lamp.
Additionally, its primary/secondary resistance and
inductance characteristics must be considered
because they contribute significantly to determining the
YES
MOSFET GATE DRIVERS ENABLED
RUN LAMP STAGE
DEVICE AND
INVERTER SUPPLIES
AT PROPER LEVELS?
FAULT STATE
[MUST POWER CYCLE THE DS3992
OR TAKE SVM BELOW 2V TO RESET
THE CCFL CONTROLLER]
LAMP OVERCURRENT
[INSTANTANEOUS]
STRIKE LAMP
[RAMP AND REGULATE TO
OVD THRESHOLD]
LAMP STRIKE TIMEOUT
[65536 LAMP CYCLES]
RUN LAMP
[REGULATE LAMP
CURRENT BOUNDED BY
LAMP VOLTAGE]
LAMP-OUT TIMEOUT
[65,536 LAMP CYCLES]
OVERVOLTAGE
[64 LAMP CYCLES]
IF LINE REGULATION
THRESHOLD IS MET
Figure 4. Fault-Handling Flowchart


Similar Part No. - DS3992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991V MAXIM-DS3991V Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VC MAXIM-DS3991VC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VR MAXIM-DS3991VR Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VRC MAXIM-DS3991VRC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
More results

Similar Description - DS3992

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com