Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16810ATU+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16810ATU+
Description  Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16810ATU+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16810ATU+ Datasheet HTML 1Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 2Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 3Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 4Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 5Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 6Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 7Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 8Page - Maxim Integrated Products MAX16810ATU+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Integrated 16-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (LED DRIVER)
(V+ = +3V to +5.5V, AGND = PGND = 0V; all voltages are measured with respect to PGND, unless otherwise noted. TA = TJ = -40°C
to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
3.0
5.5
V
Output Voltage
VOUT_ _
36
V
Standby Current (Interface Idle, All
Output Ports High Impedance)
RSET = 360
Ω, DIN, LE, CLK = PGND or V+,
OE = V+, DOUT unconnected
3.6
4.5
mA
Standby Current
(Interface Active, All Output Ports
High Impedance)
RSET = 360
Ω, fCLK = 5MHz, OE = V+,
DIN, LE = PGND or V+, DOUT unconnected
3.8
4.8
mA
Supply Current
(Interface Idle, All Output Ports
Active Low)
I+
RSET = 360
Ω, OE = PGND, DIN,
LE = V+, DOUT unconnected
30
52.5
mA
INTERFACE (DIN, CLK, DOUT, LE,
OE)
Input-Voltage High
(DIN, CLK, LE, OE)
VIH
0.7
x V+
V
Input-Voltage Low
(DIN, CLK, LE, OE)
VIL
0.3
x V+
V
Hysteresis Voltage
(DIN, CLK, LE, OE)
VHYST
0.8
V
Input Leakage Current
(DIN, CLK)
ILEAK
-1
+1
µA
OE Pullup Current to V+
IOE
V+ = 5.5V, OE = PGND
0.25
1.5
25
µA
LE Pulldown Current to PGND
ILE
V+ = 5.5V, LE = V+
0.25
1.5
25
µA
Output-Voltage High (DOUT)
VOH
ISOURCE = 4mA
V+
- 0.5V
V
Output-Voltage Low (DOUT)
VOL
ISINK = 4mA
0.5
V
0°C
≤ TA ≤ +125°C, VOUT = 1V to 2.5V,
RSET = 360
43.25
47.5
51.75
OUT_ _ Output Current
IOUT_ _
TA = -40°C, VOUT = 1V to 2.5V,
RSET = 360
40
55
mA
OUT_ _ Leakage Current
OE = V+
1
µA
OUT_ _ Fault Detection Threshold
(MAX16810)
VOUTTH
V+ = 5.5V, OE = V+
0.8
V
Watchdog Timeout Period
(MAX16810)
tWD
V+ = 5.5V
0.1
1
2.5
s


Similar Part No. - MAX16810ATU+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16810ATU++ MAXIM-MAX16810ATU+ Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
More results

Similar Description - MAX16810ATU+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809_07 Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com