Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25FV101T Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE25FV101T
Description  1M (128k words8bits) Serial Flash EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FV101T Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE25FV101T Datasheet HTML 1Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 2Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 3Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 4Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 5Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 6Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 7Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 8Page - Sanyo Semicon Device LE25FV101T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LE25FV101T
3.3V-only 1M-Bit Serial Flash EEPROM
Preliminary Specifications
SANYO Electric Co., Ltd.
5/9
AC Characteristics
Symbol
Parameter
Limit
unit
Min.
Max.
fCLK
Clock Frequency
10
MHz
tCSS
CS
setup time
400
ns
tCSH
CS
hold time
400
ns
tCPH
CS
standby pulse width
250
ns
tCHZ
CS
to Hi-Z output
250
ns
tDS
Data Setup time
30
ns
tDH
Data hold time
30
ns
tCLH
SCK High pulse width
45
ns
tCLL
SCK Low pulse width
45
ns
tCLZ
SCK to Lo-Z output
0
ns
tV
SCK to output valid
40
ns
tHO
Output data hold time
0
ns
tSE
Sector Erase Cycle Time
4
ms
tBP
Byte Program Cycle time
35
µs
tRST
Write Reset Recovery Time
4
µs
AC Test Conditions
Input Pulse Level ..................................................... 0 V ~ 3.0 V
Input Rise/Fall Time.................................................. 5 ns
Input/Output Timing Level ...................................... 1.5V
Input Load Levels ...................................................... 30 pF


Similar Part No. - LE25FV101T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FV051T SANYO-LE25FV051T Datasheet
152Kb / 11P
   512k (64k word x 8bits) Serial flash EEPROM
More results

Similar Description - LE25FV101T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FV051T SANYO-LE25FV051T Datasheet
152Kb / 11P
   512k (64k word x 8bits) Serial flash EEPROM
LE28F1101T-40 SANYO-LE28F1101T-40 Datasheet
182Kb / 15P
   1M(65536words횞16bits) Flash EEPROM
logo
Renesas Technology Corp
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASAS0A RENESAS-R1EX24128ASAS0A Datasheet
183Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0A RENESAS-R1EX24128BSAS0A Datasheet
1,001Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I Datasheet
999Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24128ASA00I RENESAS-R1EX24128ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASAS0I RENESAS-R1EX24128ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0A RENESAS-R1EX24128BSAS0A_15 Datasheet
1,001Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com