Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15BR401TVS Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS15BR401TVS
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15BR401TVS Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS15BR401TVS Datasheet HTML 1Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 2Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 3Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 4Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 5Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 6Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 7Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 8Page - National Semiconductor (TI) DS15BR401TVS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note
5)
Max
Units
LVDS OUTPUT DC SPECIFICATIONS (OUTn±)
V
OD
Differential Output Voltage,
0% Pre-emphasis (Note 6)
R
L = 100
Ω external resistor between OUT+ and OUT−
Figure 1
250
360
500
mV
∆V
OD
Change in V
OD between
Complementary States
−35
35
mV
V
OS
Offset Voltage (Note 7)
1.05
1.18
1.475
V
∆V
OS
Change in V
OS between
Complementary States
−35
35
mV
C
OUT
LVDS Output Capacitance
OUT+ or OUT− to V
SS
2.5
pF
I
OS
Output Short Circuit Current
OUT+ or OUT− Short to GND
−21
−40
mA
OUT+ or OUT− Short to VDD
6
40
mA
SUPPLY CURRENT (Static)
I
CC
Supply Current
All inputs and outputs enabled and active, terminated
with differential load of 100
Ω between OUT+ and OUT-.
PEM=L
175
215
mA
I
CCZ
Supply Current - Power
Down Mode
PWDN=L,PEM=L
20
200
µA
SWITCHING CHARACTERISTICS — LVDS OUTPUTS
t
LHT
Differential Low to High
Transition Time (Note 12)
Use an alternating 1 and 0 pattern at 200 Mbps, measure
between 20% and 80% of V
OD.
Figures 2, 4
170
250
ps
t
HLT
Differential High to Low
Transition Time (Note 12)
170
250
ps
t
PLHD
Differential Low to High
Propagation Delay
Use an alternating 1 and 0 pattern at 200 Mbps, measure
at 50% V
OD between input to output.
Figures 2, 3
1.0
2.0
ns
t
PHLD
Differential High to Low
Propagation Delay
1.0
2.0
ns
t
SKD1
Pulse Skew (Note 12)
|t
PLHD–tPHLD|10
60
ps
t
SKCC
Output Channel to Channel
Skew (Note 12)
Difference in propagation delay (t
PLHD or tPHLD) among
all output channels.
25
75
ps
t
SKP
Part to Part Skew (Note 12)
Common edge, parts at same temp and V
CC
550
ps
t
JIT
Jitter (0% Pre-emphasis)
(Note 8)
RJ - Alternating 1 and 0 at 750 MHz (Note 9)
0.5
1.5
ps
DJ - K28.5 Pattern, 1.5 Gbps (Note 10)
14
30
ps
TJ - PRBS 2
23-1 Pattern, 1.5 Gbps (Note 11)
14
31
ps
t
ON
LVDS Output Enable Time
Time from PWDN to OUT± change from TRI-STATE to
active.
Figures 5, 6
20
µs
t
OFF
LVDS Output Disable Time
Time from PWDN to OUT± change from active to
TRI-STATE.
Figures 5, 6
12
ns
Note 5: Typical parameters are measured at VDD = 3.3V, TA = 25˚C. They are for reference purposes, and are not production-tested.
Note 6: Differential output voltage VOD is defined as ABS(OUT+–OUT−). Differential input voltage VID is defined as ABS(IN+–IN−).
Note 7: Output offset voltage VOS is defined as the average of the LVDS single-ended output voltages at logic high and logic low states.
Note 8: Jitter is not production tested, but guaranteed through characterization on a sample basis.
Note 9: Random Jitter, or RJ, is measured RMS with a histogram including 1500 histogram window hits. Stimulus and fixture Jitter has been subtracted. The input
voltage = VID = 500 mV, input common mode voltage = VICM = 1.2V, 50% duty cycle at 750 MHz, tr =tf = 50 ps (20% to 80%).
Note 10: Deterministic Jitter, or DJ, is a peak to peak value. Stimulus and fixture jitter has been subtracted. The input voltage = VID = 500 mV, input common mode
voltage = VICM = 1.2V, K28.5 pattern at 1.5 Gbps, tr =tf = 50 ps (20% to 80%). The K28.5 pattern is repeating bit streams of (0011111010 1100000101).
Note 11: Total Jitter, or TJ, is measured peak to peak with a histogram including 3500 window hits. Stimulus and fixture Jitter has been subtracted. The input voltage
=VID = 500 mV, input common mode voltage = VICM = 1.2V, 2
23-1 PRBS pattern at 1.5 Gbps, t
r =tf = 50 ps (20% to 80%).
Note 12: Not production tested. Guaranteed by a statistical analysis on a sample basis at the time of characterization.
www.national.com
5


Similar Part No. - DS15BR401TVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BR401TVS/NOPB TI1-DS15BR401TVS/NOPB Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR401TVSX/NOPB TI1-DS15BR401TVSX/NOPB Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS15BR401TVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com