Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFA3N120 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFA3N120
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA3N120 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFA3N120 Datasheet HTML 1Page - IXYS Corporation IXFA3N120 Datasheet HTML 2Page - IXYS Corporation IXFA3N120 Datasheet HTML 3Page - IXYS Corporation IXFA3N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFA 3N120
IXFP 3N120
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS - Volts
Ciss
Coss
Crss
f = 1M Hz
Fig. 10. Gate Charge
0
2
4
6
8
10
0
8
16
24
32
40
48
Q
G - nanoCoulombs
V
D S = 600V
I D= 1.5A
I G= 10mA
Fig. 7. Input Admittance
0
1
2
3
4
5
6
3.5
4
4.5
5
5.5
6
6.5
V
GS - V olts
T
J = 120º C
25
ºC
-40
ºC
Fig. 12. Maximum Transient Thermal
Resistance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
110
100
1000
Pulse Width - milliseconds
Fig. 8. Transconductance
0
1
2
3
4
5
6
7
8
0
1.5
34.567.5
9
I
D - Amperes
TJ = -40ºC
25
ºC
125
ºC
Fig. 9. Source Current vs. Source-To-Drain
Voltage
0
1
2
3
4
5
6
7
8
9
0.4
0.5
0.6
0.7
0.8
0.9
V
SD - Volts
TJ = 125º C
TJ = 25º C


Similar Part No. - IXFA3N120

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFA3N120 ISC-IXFA3N120 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFA3N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com