Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA100-104 Datasheet(PDF) 2 Page - Astec America, Inc

Part # APA100-104
Description  Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA100-104 Datasheet(HTML) 2 Page - Astec America, Inc

  APA100-104 Datasheet HTML 1Page - Astec America, Inc APA100-104 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Part Number
Description
Notes
APA100-101
1200W Low Profile PFC Module
For parallel operation the total input current must be <16A rms.
APA100-103
950W Low Profile PFC Module
Inrush current limited protection required
APA100-102
1200W Low Power PFC Module
Designed for parallel operation where the total input
current >16A rms-requires external rail rectifiers
APA100-104
1200W Low Profile PFC Module
Input
Output
Control Pins
31-32.
L1
21-22. +ve
1.
RSV (Reserved)
33-34.
L2
28-29. –ve
2.
TEMP MON
3.
C MON
4.
C SHARE
5.
CLK OUT
6.
CLK IN
7.
RSV (Reserved)
8.
RSV (Reserved)
9.
V ADJ
10. PFW ADJ
11. S GND
12. PFW
13. LD ENABLE
14. PF ENABLE
Pin Assignments
+ O/P
– O/P
85 to 265 Vac
APA100-xxx
L1
Power Fail Warning Adjust
8
7
1
14
Load
+ SENSE
– SENSE
+ O/P
– O/P
385Vdc
+ I/P
– I/P
7
6
1
12
+ SENSE
– SENSE
+ O/P
– O/P
+ I/P
– I/P
7
6
1
12
+
+
L2
AM80A-300L
AM80A-300L
THERMAL BASE PLATE
*
4 INPUT PINS
14 CONTROL PINS
4 OUTPUT PINS
116.8 (4.60)
14
1
29
21
7
8
34
31
12.7
33
32
28
22
(0.50)
C SHARE
8
C SHARE
CLK OUT
7
CLK IN
+ O/P
– O/P
8
7
+ O/P
– O/P
1
14
1
14
Output to
AMPSS™ Modules
59
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 59


Similar Part No. - APA100-104

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000 ACTEL-APA1000 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA1000 ACTEL-APA1000 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA1000 MICROSEMI-APA1000 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA1000 MICROSEMI-APA1000 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA1000 ACTEL-APA1000 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA100-104

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
   Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
   Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
   Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
   Universal input 85 - 265 VAC
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
   Universal input 85 - 265 VAC
logo
Artesyn Technologies
AVD85-48S3V3-6L ARTESYN-AVD85-48S3V3-6L Datasheet
627Kb / 3P
   Total Power: 85 Watts
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com