Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15000AEUB+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15000AEUB+
Description  Current-Mode PWM Controllers with Programmable Switching Frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15000AEUB+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15000AEUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX15000AEUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Current-Mode PWM Controllers with
Programmable Switching Frequency
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V (for MAX15000, bring VIN up to 23.6V for startup), 10nF bypass capacitors at IN and VCC, R12 = 15k
Ω (MAX1500_A), R12
= 7.5k
Ω (MAX1500_B), R15 = 1kΩ, C6 = 100nF (see the Typical Application Circuit), NDRV = open, VUVLO/EN = +1.4V, VFB = +1.0V,
COMP = open, VCS = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE DRIVER
RON(LOW) Measured at NDRV sinking 100mA
2
4
Driver Output Impedance
RON(HIGH) Measured at NDRV sourcing 20mA
4
10
Driver Peak Sink Current
1A
Driver Peak Source Current
0.65
A
PWM COMPARATOR
Comparator Offset Voltage
VPWM
VCOMP - VCS
1.24
1.38
1.54
V
CS Input Bias Current
ICS
VCS = 0V
-4
+4
µA
Comparator Propagation Delay
tPWM
Change in VCS = 0.1V
60
ns
CURRENT-LIMIT COMPARATOR
Current-Limit Trip Threshold
VCS
900
1000
1100
mV
CS Input Bias Current
ICS
VCS = 0V
-4
+4
µA
Propagation Delay From
Comparator Input to NDRV
tPDCS
100mV overdrive
60
ns
IN CLAMP VOLTAGE
IN Clamp Voltage
VINC
2mA sink current (Note 2)
24.1
26.1
29.0
V
ERROR AMPLIFIER
Voltage Gain
RLOAD = 100k
80
dB
Unity-Gain Bandwidth
RLOAD = 100k
Ω, CLOAD = 200pF
2
MHz
Phase Margin
RLOAD = 100k
Ω, CLOAD = 200pF
65
degrees
FB Input Offset Voltage
±1
mV
COMP High Voltage
ICOMP = 0
2.8
COMP Low Voltage
ICOMP = 0
1.1
V
Source Current
0.5
mA
Sink Current
0.5
mA
Reference Voltage
VREF
(Note 3)
1.230
V
Reference Voltage Accuracy
-1.5
+1.5
%
FB Input Bias Current
-50
+50
nA
COMP Short-Circuit Current
8mA
DIGITAL SOFT-START
1984
NDRV
cycles
Soft-Start Duration
tSS
fSW = 350kHz
5.6
ms
Reference Voltage Steps During
Soft-Start
31
steps
Reference Voltage Step
39.67
mV


Similar Part No. - MAX15000AEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results

Similar Description - MAX15000AEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com