Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8841ELT33+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8841ELT33+T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8841ELT33+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8841ELT33+T Datasheet HTML 1Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 2Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 3Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 4Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 5Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 6Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 7Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 8Page - Maxim Integrated Products MAX8841ELT33+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ultra-Low-Noise, High PSRR, Low-Dropout,
150mA Linear Regulators in µDFN
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = VOUT + 0.5V, CIN = 1µF, COUT = 1µF, CBP = 10nF, TA = +25°C, unless otherwise noted.)
MAX8440
DROPOUT VOLTAGE vs. LOAD CURRENT
INPUT VOLTAGE (V)
125
100
75
50
25
40
20
80
60
120
100
160
140
200
180
0
0
150
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX8840
DROPOUT VOLTAGE vs. OUTPUT VOLTAGE
OUTPUT (V)
3.0
2.8
2.6
2.4
2.2
50
100
150
200
250
0
2.0
3.2
IOUT = 80mA
MAX8840
GROUND PIN CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4
3
2
1
150
200
50
100
250
300
350
0
05
ILOAD = 150mA
ILOAD = 0mA
MAX8840
GROUND PIN CURRENT vs. LOAD CURRENT
LOAD CURRENT (mA)
125
100
75
50
25
100
50
150
200
250
300
350
0
0
150
VIN = 3.8V
VIN = 5.5V
MAX8840
GROUND PIN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
35
40
45
50
30
-40
85
MAX8840
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
1
10
100
0.1
40
50
60
10
20
30
70
80
90
0
0.01
1000
ILOAD = 10mA
CBP = 10nF
MAX8841
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
100
40
50
60
10
20
30
70
80
90
0
0.01
1000
ILOAD = 10mA
MAX8840
OUTPUT NOISE
MAX8840 toc11
400
μs/div
VIN = 3.8V
ILOAD = 10mA
VNOISE = 11
μVRMS
20
μV/div
MAX8840
OUTPUT NOISE-SPECTRAL DENSITY
vs. FREQUENCY
MAX8840 toc12
FREQUENCY (kHz)
0.1
1
10
100
1000
100
10,000
10
0.01
1000


Similar Part No. - MAX8841ELT33+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8841ELT33+T MAXIM-MAX8841ELT33+T Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results

Similar Description - MAX8841ELT33+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com