Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30MS01GP25TAW513 Datasheet(PDF) 10 Page - SPANSION

Part # S30MS01GP25TAW513
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS01GP25TAW513 Datasheet(HTML) 10 Page - SPANSION

Back Button S30MS01GP25TAW513 Datasheet HTML 6Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 7Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 8Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 9Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 10Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 11Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 12Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 13Page - SPANSION S30MS01GP25TAW513 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
8
S30MS-P ORNANDTM Flash Family
S30MS-P_00_A7 August 4, 2006
Data
Sheet
(Pre limin ar y)
3.2
48-Pin TSOP
6
2
3
4
5
7
8
9
TS/TSR 048
MO-142 (D) DD
48
MIN
0.05
0.95
0.17
0.17
0.10
0.10
18.30
19.80
0.50
0.08
11.90
0.50 BASIC
MAX
0.15
1.20
0.27
0.16
0.21
0.20
18.50
12.10
0.70
20.20
0.23
1.05
0.20
1.00
0.22
18.40
20.00
0.60
12.00
NOM
Symbol
Jedec
Package
b1
A2
A1
A
D
L
e
E
D1
b
c1
c
0
R
N
1
NOTES:
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (mm).
(DIMENSIONING AND TOLERANCING CONFORMS TO ANSI Y14.5M-1982)
PIN 1 IDENTIFIER FOR REVERSE PIN OUT (DIE UP).
PIN 1 IDENTIFIER FOR REVERSE PIN OUT (DIE DOWN), INK OR LASER MARK.
TO BE DETERMINED AT THE SEATING PLANE -C- . THE SEATING PLANE IS DEFINED AS THE PLANE OF
CONTACT THAT IS MADE WHEN THE PACKAGE LEADS ARE ALLOWED TO REST FREELY ON A FLAT
HORIZONTAL SURFACE.
DIMENSIONS D1 AND E DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE MOLD PROTUSION IS
0.15mm (.0059") PER SIDE.
DIMENSION b DOES NOT INCLUDE DAMBAR PROTUSION. ALLOWABLE DAMBAR PROTUSION SHALL BE
0.08 (0.0031") TOTAL IN EXCESS OF b DIMENSION AT MAX. MATERIAL CONDITION. MINIMUM SPACE
BETWEEN PROTRUSION AND AN ADJACENT LEAD TO BE 0.07 (0.0028").
THESE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.10MM (.0039") AND
0.25MM (0.0098") FROM THE LEAD TIP.
LEAD COPLANARITY SHALL BE WITHIN 0.10mm (0.004") AS MEASURED FROM THE SEATING PLANE.
DIMENSION "e" IS MEASURED AT THE CENTERLINE OF THE LEADS.
N
+1
2
N
1
2
N
3
REVERSE PIN OUT (TOP VIEW)
C
e
A1
A2
2X (N/2 TIPS)
0.10
9
SEATING
PLANE
A
SEE DETAIL A
B
B
AB
E
D1
D
2X
2X (N/2 TIPS)
0.25
2X
0.10
0.10
N
5
+1
N
2
4
5
1
N
2
2
STANDARD PIN OUT (TOP VIEW)
SEE DETAIL B
DETAIL A
(c)
θ°
L
0.25MM (0.0098") BSC
C
R
GAUGE PLANE
PARALLEL TO
SEATING PLANE
b
b1
(c)
7
6
c1
WITH PLATING
BASE METAL
7
0.08MM
(0.0031")
M
C A - B S
SECTION B-B
DETAIL B
X
e/2
X = A OR B
3355 \ 16-038.10c


Similar Part No. - S30MS01GP25TAW513

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S30M45C MOSPEC-S30M45C Datasheet
161Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M45F MOSPEC-S30M45F Datasheet
164Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S30MS01GP25TAW513

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com