Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX208CDW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX208CDW
Description  5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX208CDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX208CDW Datasheet HTML 4Page - Texas Instruments MAX208CDW Datasheet HTML 5Page - Texas Instruments MAX208CDW Datasheet HTML 6Page - Texas Instruments MAX208CDW Datasheet HTML 7Page - Texas Instruments MAX208CDW Datasheet HTML 8Page - Texas Instruments MAX208CDW Datasheet HTML 9Page - Texas Instruments MAX208CDW Datasheet HTML 10Page - Texas Instruments MAX208CDW Datasheet HTML 11Page - Texas Instruments MAX208CDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MAX208
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS596A − OCTOBER 2003 − REVISED JANUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitor selection
The capacitor type used for C1−C4 is not critical for proper operation. The MAX208 requires 0.1-
µF capacitors,
although capacitors up to 10
µF can be used without harm. Ceramic dielectrics are suggested for the 0.1-µF
capacitors. When using the minimum recommended capacitor values, ensure that the capacitance value does
not degrade excessively as the operating temperature varies. If in doubt, use capacitors with a larger (e.g., 2
)
nominal value. The capacitors’ effective series resistance (ESR), which usually rises at low temperatures,
influences the amount of ripple on V+ and V.
Use larger capacitors (up to 10
µF) to reduce the output impedance at V+ and V.
Bypass VCC to ground with at least 0.1 µF. In applications sensitive to power-supply noise generated by the
charge pumps, decouple VCC to ground with a capacitor the same size as (or larger than) the charge-pump
capacitors (C1−C4).
ESD protection
Texas Instruments MAX208 devices have standard ESD protection structures incorporated on the pins to
protect against electrostatic discharges encountered during assembly and handling. In addition, the RS232 bus
pins (driver outputs and receiver inputs) of these devices have an extra level of ESD protection. Advanced ESD
structures were designed to successfully protect these bus pins against ESD discharge of
±15-kV when
powered down.
ESD test conditions
ESD testing is stringently performed by TI, based on various conditions and procedures. Please contact Texas
Instruments for a reliability report that documents test setup, methodology, and results.
Human-Body Model (HBM)
The Human-Body Model of ESD testing is shown in Figure 5, while Figure 6 shows the current waveform that
is generated during a discharge into a low impedance. The model consists of a 100-pF capacitor, charged to
the ESD voltage of concern and subsequently discharged into the DUT through a 1.5-k
Ω resistor.
+
DUT
RD
1.5 k
VHBM
100 pF
CS
Figure 5. HBM ESD Test Circuit


Similar Part No. - MAX208CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208CDW TI-MAX208CDW Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208CDW TI1-MAX208CDW Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208CDWE4 TI-MAX208CDWE4 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208CDWR TI-MAX208CDWR Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208CDWR TI1-MAX208CDWR Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results

Similar Description - MAX208CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com