Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM200GD60DLC Datasheet(PDF) 6 Page - eupec GmbH

Part # BSM200GD60DLC
Description  IGBT-Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM200GD60DLC Datasheet(HTML) 6 Page - eupec GmbH

  BSM200GD60DLC Datasheet HTML 1Page - eupec GmbH BSM200GD60DLC Datasheet HTML 2Page - eupec GmbH BSM200GD60DLC Datasheet HTML 3Page - eupec GmbH BSM200GD60DLC Datasheet HTML 4Page - eupec GmbH BSM200GD60DLC Datasheet HTML 5Page - eupec GmbH BSM200GD60DLC Datasheet HTML 6Page - eupec GmbH BSM200GD60DLC Datasheet HTML 7Page - eupec GmbH BSM200GD60DLC Datasheet HTML 8Page - eupec GmbH BSM200GD60DLC Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM 200 GD 60 DLC
IC [A]
RG [Ω
Ω]
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
Eon
Eoff
Erec
Schaltverluste (typisch)
E on= f (IC), Eoff= f (IC), Erec= f (IC)
Switching losses (typical)
RG,on= 1,5Ω,
Ω,
Ω,
Ω,====R
G,off= 1,5Ω
Ω, V
CC= 300V, Tvj= 125°C
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
18
20
Eon
Eoff
Erec
Schaltverluste (typisch)
E on= f (RG), Eoff= f (RG), Erec= f (RG)
Switching losses (typical)
IC= 200A , VCE= 300V , Tvj = 125°C
6 (8)
BSM 200 GD 60 DLC S1
2000-02-08


Similar Part No. - BSM200GD60DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM200GA120DLC EUPEC-BSM200GA120DLC Datasheet
82Kb / 8P
   Technische Information / Technical Information
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
   IGBT Power Module
BSM200GA120DN2S EUPEC-BSM200GA120DN2S Datasheet
208Kb / 11P
   IGBT Power Module
logo
Infineon Technologies A...
BSM200GA120DN2S INFINEON-BSM200GA120DN2S Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
logo
eupec GmbH
BSM200GA170DLC EUPEC-BSM200GA170DLC Datasheet
173Kb / 9P
   IGBT-Modules
More results

Similar Description - BSM200GD60DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com