Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8775 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8775
Description  Dual and Combinable Graphics Core Controller for Notebook Computers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8775 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8775 Datasheet HTML 1Page - Maxim Integrated Products MAX8775 Datasheet HTML 2Page - Maxim Integrated Products MAX8775 Datasheet HTML 3Page - Maxim Integrated Products MAX8775 Datasheet HTML 4Page - Maxim Integrated Products MAX8775 Datasheet HTML 5Page - Maxim Integrated Products MAX8775 Datasheet HTML 6Page - Maxim Integrated Products MAX8775 Datasheet HTML 7Page - Maxim Integrated Products MAX8775 Datasheet HTML 8Page - Maxim Integrated Products MAX8775 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Dual and Combinable Graphics Core
Controller for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, SKIP_ = PGND = AGND, ON_ = VCC = 5V, separate mode, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, VCC, CSH_, CSL_ to AGND............................-0.3V to +6V
ON_,
SKIP_, PGOOD_ to AGND ..............................-0.3V to +6V
OVP_, REFIN_ to AGND ...........................................-0.3V to +6V
DTRANS to AGND ....................................................-0.3V to +6V
REF, OSC, SLEW_, CCI2 to AGND ...........-0.3V to (VCC + 0.3V)
BST1, BST2 to AGND .............................................-0.3V to +36V
LX1 to BST1..............................................................-6V to +0.3V
LX2 to BST2..............................................................-6V to +0.3V
DH1 to LX1 ..............................................-0.3V to (VBST1 + 0.3V)
DH2 to LX2 ..............................................-0.3V to (VBST2 + 0.3V)
DL1, DL2 to PGND .....................................-0.3V to (VDD + 0.3V)
AGND to PGND .....................................................-0.3V to +0.3V
REF Short Circuit to AGND.........................................Continuous
REF Current ......................................................................+10mA
Continuous Power Dissipation (TA = +70°C)
32-Pin, 5mm x 5mm, Thin QFN
(derate 21.3mW/°C above +70°C) .............................1702mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES
VIN
426
Input Voltage Range
VBIAS
VCC, VDD
4.5
5.5
V
VCC Undervoltage Lockout Threshold
VUVLO
Rising edge, 50mV typical hysteresis
4.1
4.25
4.5
V
Quiescent Supply Current (VCC)ICC
CSL_ forced above their regulation points
1.5
2.5
mA
Quiescent Supply Current (VDD)IDD
CSL_ forced above their regulation points,
SKIP mode
< 1
5
µA
Shutdown Supply Current (VCC)ICC(SHDN) ON1 = ON2 = GND
< 1
5
µA
Shutdown Supply Current (VDD)IDD(SHDN) ON1 = ON2 = GND
< 1
5
µA
SMPS CONTROLLERS
Output Voltage Accuracy
VREFIN_ -
VCSL_
With respect to REFIN_,
REFIN_ = 0.5V to 2.5V,
SKIP_ = VCC or GND (Note 1)
-5
0
+5
mV
Output Voltage-Adjust Range
VCSL_
Either SMPS (Note 2)
0.5
2.5
V
REFIN Operating Voltage-Adjust RangeVREFIN_
Either SMPS (Note 2)
0.5
2.5
V
REFINOK Threshold
Either SMPS
0.1
V
REFIN Transient Detection Threshold
5mV (typ) hysteresis
±25
mV
Combined-Mode Enabled Threshold
VREFIN2
3
VCC -
1
VCC -
0.4
V
DC Load Regulation
Either SMPS,
SKIP_ = VCC, zero to full load
-0.1
%
Line Regulation Error
Either SMPS, 4V < VIN < 26V
0.03
%/V
ROSC = 143k
Ω (fOSC = 300kHz nominal)
-10
+10
Switching-Frequency Accuracy
(Note 3)
fOSC
ROSC = 71.5k
Ω (fOSC = 600kHz nominal) to
432k
Ω (fOSC = 99kHz nominal)
-15
+15
%
Maximum Duty Factor
DMAX
91
93
%
Minimum On-Time
tONMIN
(Note 4)
150
ns


Similar Part No. - MAX8775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8770GTL++ MAXIM-MAX8770GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771 MAXIM-MAX8771 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771GTL++ MAXIM-MAX8771GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results

Similar Description - MAX8775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com