Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8775 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8775
Description  Dual and Combinable Graphics Core Controller for Notebook Computers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8775 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8775 Datasheet HTML 4Page - Maxim Integrated Products MAX8775 Datasheet HTML 5Page - Maxim Integrated Products MAX8775 Datasheet HTML 6Page - Maxim Integrated Products MAX8775 Datasheet HTML 7Page - Maxim Integrated Products MAX8775 Datasheet HTML 8Page - Maxim Integrated Products MAX8775 Datasheet HTML 9Page - Maxim Integrated Products MAX8775 Datasheet HTML 10Page - Maxim Integrated Products MAX8775 Datasheet HTML 11Page - Maxim Integrated Products MAX8775 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Dual and Combinable Graphics Core
Controller for Notebook Computers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 12V, VDD = VCC = 5V, SKIP_ = GND, TA = +25°C, unless otherwise noted.)
STARTUP WAVEFORMS
MAX8775 toc10
0
0
5A
200
μs/div
0
0
A
B
D
C
E
0
D: PGOOD1, 5V/div
E: ILX1, 5A/div
A: ON1, 5V/div
B: DL1, 5V/div
C: VOUT1, 1V/div
SKIP1 = GND, RLOAD1 = 1
Ω, VIN = 12V
SHUTDOWN WAVEFORMS
MAX8775 toc11
0
1.5V
0
5A
0
0
A
B
D
C
E
0
D: PGOOD1, 5V/div
E: ILX1, 5A/div
A: ON1, 5V/div
B: DL1, 5V/div
C: VOUT1, 1V/div
SKIP1 = GND, RLOAD1 = 1
Ω, VIN = 12V
200
μs/div
STARTUP/SHUTDOWN—
SAME SLEW RATE
0
0
5V
5V
0
0
A
B
D
C
E
0
D: PGOOD1, 5V/div
E: PGOOD2, 5V/div
A: ON1, ON2, 5V/div
B: VOUT1, 1V/div
C: VOUT2, 1V/div
CSLEW1 = CSLEW2 = 470pF
RLOAD1 = RLOAD2 = 1
Ω
400
μs/div
MAX8775 toc12
STARTUP/SHUTDOWN—
SAME START TIME
MAX8775 toc13
0
0
5V
5V
0
400
μs/div
0
A
B
D
C
E
0
D: PGOOD1, 5V/div
E: PGOOD2, 5V/div
A: ON1, ON2, 5V/div
B: VOUT1, 1V/div
C: VOUT2, 1V/div
CSLEW1 = 470pF, CSLEW2 = 600pF
RLOAD1 = RLOAD2 = 1
Ω
LOAD TRANSIENT (SEPARATE MODE)
MAX8775 toc14
0
10A
5V
0
20
μs/div
1.2V
12V
A
B
D
C
0
C: LX1, 10V/div
D: ILX1, 10A/div
A: VOUT1, 100mV/div
B: DL1, 5V/div
VIN = 12V, VOUT1 = 1.2V
SKIP1 = GND
IOUT1 = 1A TO 11A TO 1A
LOAD TRANSIENT (COMBINED MODE)
MAX8775 toc15
0
10A
0
1.5V
12V
12V
A
B
D
C
0
C: LX1, 10V/div
D: LX2, 10V/div
A: VOUT1, 100mV/div
B: ILX1, 10A/div
VIN = 12V, VOUT = 1.5V
IOUT1 = 5A TO 25A TO 5A
20
μs/div


Similar Part No. - MAX8775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8770GTL++ MAXIM-MAX8770GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771 MAXIM-MAX8771 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771GTL++ MAXIM-MAX8771GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results

Similar Description - MAX8775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com