Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF1037S-1 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF1037S-1
Description  FOR PERSONAL HANDYPHONE SYSTEM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF1037S-1 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF1037S-1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MF1037S-1
– 33 –
MF1037S-1
FOR PERSONAL HANDYPHONE SYSTEM
– 32 –
DESCRIPTION
This SAW filter for the RF circuit of personal
handyphone system.
FEATURES
1. SMD package insures small size, lightweight.
2. Adjustment free.
3. Low insertion loss and high stop band
attenuation.
4. Wide and sharp passband characteristics.
5. High stability and reliability.
6. Designed for reflow solderings.
APPLICATION
• Portable telephone
• Wireless equipment
DIMENSIONS ARE IN MILLIMETERS
±0.2 UNLESS OTHERWISE SPECIFIED
MAXIMUM RATINGS
ELECTRICAL PERFORMANCE
PACKAGE OUTLINE DIMENSIONS
Insertion Loss vs. Frequency
CH1 S21 log MAG
1 dB / REF 0 dB
Input VSWR vs. Frequency
Parameter
Units
MF1037S-1
PASSBAND FREQUENCY
1895 – 1918
PASSBAND CHARACTERISTICS
Insertion Loss
Ripple
VSWR
STOPBAND ATTENUATION
1395 – 1418 MHz
1645 – 1668 MHz
Min
Typ
Max
2.3
dB
dBp-p
3.0
0.3
1.5
1.7
2.5
42
30
42
30
MHz
dB
dB
1.8
GND
GND
GND
1.25
GND
Unit : mm
BOTTOM VIEW
TOP VIEW
SIDE VIEW
OUT
IN
IN
OUT
3.6
3.8
MF1037S-1 TYPICAL CHARACTERISTICS
Input Reflection Coefficient vs. Frequency
Output Reflection Coefficient vs. Frequency
Operating Temperature Range
–20 to 75
Storage Temperature Range
–30 to 85
Input Power
40
Rating
Value
°C
°C
mW
Unit
[dB] 0
–1
–2
–3
–4
–5
CH1 S11 SWR
500 m / REF 1
3.0
2.0
1.0
Attenuation vs. Frequency
CH2 S 21 log MAG
5 dB / REF 0 dB
START
1 906.500 000 MHz
STOP 1 500.000 000 MHz
CH1 CENTER
1 906.500 000 MHz
SPAN 100.000 000 MHz
Output VSWR vs. Frequency
[dB] 0
–10
–20
–30
Attenuation vs. Frequency
CH1 S21 log MAG
5 dB / REF 0 dB
START
.300 000 MHz
STOP
3 000.000 000 MHz
[dB] 0
–10
–20
–30
–40
CH1 S22 SWR
500 m / REF 1
3.0
2.0
1.0
CH1 S11 1 U FS
MARKER 1 : 1906.5 MHz
MARKER 2 : 1895 MHz
MARKER 3 : 1918 MHz
CH1 CENTER
1 906.500 000 MHz
SPAN 100.000 000 MHz
MARKER 1 : 1906.5 MHz
MARKER 2 : 1895 MHz
MARKER 3 : 1918 MHz
CH1 S22 1 U FS
CH1 CENTER
1 906.500 000 MHz
SPAN
100.000 000 MHz
CH1 CENTER
1 906.500 000 MHz
SPAN
100.000 000 MHz
CH1 CENTER
1 906.500 000 MHz
SPAN
100.000 000 MHz
× 2


Similar Part No. - MF1037S-1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1037S-2 MITSUBISHI-MF1037S-2 Datasheet
170Kb / 1P
   FOR PERSONAL HANDYPHONE SYSTEM
More results

Similar Description - MF1037S-1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1037S-2 MITSUBISHI-MF1037S-2 Datasheet
170Kb / 1P
   FOR PERSONAL HANDYPHONE SYSTEM
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
   PERSONAL NAVIGATION SYSTEM-ON-CHIP
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
   Personal Computer
logo
National Semiconductor ...
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
logo
Abracon Corporation
APAMP-110 ABRACON-APAMP-110 Datasheet
2Mb / 3P
   Personal Tracking
10.27.14
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
logo
Extech Instruments Corp...
SL355 EXTECH-SL355 Datasheet
460Kb / 1P
   Personal Noise Dosimeter
logo
MERITEK ELECTRONICS COR...
CRA MERITEK-CRA Datasheet
281Kb / 1P
   Personal Computer
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com