Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29WS128PABBAW003 Datasheet(PDF) 3 Page - SPANSION

Part # S29WS128PABBAW003
Description  512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS128PABBAW003 Datasheet(HTML) 3 Page - SPANSION

  S29WS128PABBAW003 Datasheet HTML 1Page - SPANSION S29WS128PABBAW003 Datasheet HTML 2Page - SPANSION S29WS128PABBAW003 Datasheet HTML 3Page - SPANSION S29WS128PABBAW003 Datasheet HTML 4Page - SPANSION S29WS128PABBAW003 Datasheet HTML 5Page - SPANSION S29WS128PABBAW003 Datasheet HTML 6Page - SPANSION S29WS128PABBAW003 Datasheet HTML 7Page - SPANSION S29WS128PABBAW003 Datasheet HTML 8Page - SPANSION S29WS128PABBAW003 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S29WS-P_00
Revision A
Amendment 7
Issue Date November 8, 2006
Features
Single 1.8 V read/program/erase (1.70–1.95 V)
90 nm MirrorBit™ Technology
Simultaneous Read/Write operation with zero latency
Random page read access mode of 8 words with 20 ns intra
page access time
Full /Half drive output slew rate control
32 Word / 64 Byte Write Buffer
Sixteen-bank architecture consisting of
32/16/8 Mwords for 512/256/128P, respectively
Four 16 Kword sectors at both top and bottom of memory
array
510/254/126 64Kword sectors (WS512/256/128P)
Programmable linear (8/16/32) with or without wrap around
and continuous burst read modes
Secured Silicon Sector region consisting of 128 words each
for factory and 128 words for customer
20-year data retention (typical)
Cycling Endurance: 100,000 cycles per sector (typical)
Command set compatible with JEDEC (42.4) standard
Hardware (WP#) protection of top and bottom sectors
Dual boot sector configuration (top and bottom)
Handshaking by monitoring RDY
Offered Packages
– WS512P/WS256P/WS128P: 84-ball FBGA
(11.6 mm x 8 mm)
Low VCC write inhibit
Persistent and Password methods of Advanced Sector
Protection
Write operation status bits indicate program and erase
operation completion
Suspend and Resume commands for Program and Erase
operations
Unlock Bypass program command to reduce programming
time
Synchronous or Asynchronous program operation,
independent of burst control register settings
ACC input pin to reduce factory programming time
Support for Common Flash Interface (CFI)
General Description
The Spansion S29WS512/256/128P are Mirrorbit
TM Flash products fabricated on 90 nm process technology.
These burst mode Flash devices are capable of performing simultaneous read and write operations with zero
latency on two separate banks using separate data and address pins. These products can operate up to
108 MHz and use a single VCC of 1.7 V to 1.95 V that makes them ideal for today’s demanding wireless
applications requiring higher density, better performance and lowered power consumption.
Performance Characteristics
S29WS-P
MirrorBit
Flash Family
S29WS512P, S29WS256P, S29WS128P
512/256/128 Mb (32/16/8 M x 16 bit)
1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
Data Sheet (Advance Information)
Read Access Times
Speed Option (MHz)
108
Max. Synch Access Time (tIACC)80
Max. Synch. Burst Access, ns (tBACC)7.6
Max. Asynch. Access Time, ns (tACC)80
Max OE# Access Time, ns (tOE)7.6
Current Consumption (typical values)
Continuous Burst Read @ 108 MHz
36 mA
Simultaneous Operation 108 MHz
40 mA
Program
20 mA
Standby Mode
20 µA
Typical Program & Erase Times
Single Word Programming
40 µs
Effective Write Buffer Programming (VCC) Per Word
9.4 µs
Effective Write Buffer Programming (VACC) Per Word
6 µs
Sector Erase (16 Kword Sector)
350 ms
Sector Erase (64 Kword Sector)
600 ms


Similar Part No. - S29WS128PABBAW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128PABBAW003 SPANSION-S29WS128PABBAW003 Datasheet
3Mb / 94P
   MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
More results

Similar Description - S29WS128PABBAW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
   MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
Cypress Semiconductor
S29WS512P CYPRESS-S29WS512P Datasheet
1,002Kb / 91P
   512/256/128 Mb (32/16/8 M x 16 bit), 1.8 V, Simultaneous Read/Write Flash
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com