Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS256ND0BAWYK3 Datasheet(PDF) 6 Page - SPANSION

Part # S71WS256ND0BAWYK3
Description  Stacked Multi-Chip Product (MCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256ND0BAWYK3 Datasheet(HTML) 6 Page - SPANSION

Back Button S71WS256ND0BAWYK3 Datasheet HTML 2Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 3Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 4Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 5Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 6Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 7Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 8Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 9Page - SPANSION S71WS256ND0BAWYK3 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4
S71WS-N
S71WS-N_00_A6 July 19, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
3.
Input/Output Descriptions
Table 3.1 identifies the input and output package connections provided on the device.
Table 3.1 Input/Output Descriptions
Symbol
Description
A23-A0
Address inputs
DQ15-DQ0
Data input/output
OE#
Output Enable input. Asynchronous relative to CLK for the Burst mode.
WE#
Write Enable input.
VSS
Ground
NC
No Connect; not connected internally
RDY
Ready output. Indicates the status of the Burst read. The WAIT# pin of the pSRAM is tied to RDY.
CLK
Clock input. In burst mode, after the initial word is output, subsequent active edges of CLK increment the internal
address counter. Should be at VIL or VIH while in asynchronous mode
AVD#
Address Valid input. Indicates to device that the valid address is present on the address inputs.
Low = for asynchronous mode, indicates valid address; for burst mode, causes starting address to be latched.
High = device ignores address inputs
F-RST#
Hardware reset input. Low = device resets and returns to reading array data
F-WP#
Hardware write protect input. At VIL, disables program and erase functions in the four outermost sectors. Should be
at VIH for all other conditions.
F-ACC
Accelerated input. At VHH, accelerates programming; automatically places device in unlock bypass mode. At VIL,
disables all program and erase functions. Should be at VIH for all other conditions.
R-CE1#
Chip-enable input for pSRAM.
F1-CE#
Chip-enable input for Flash 1. Asynchronous relative to CLK for Burst Mode.
F2-CE#
Chip-enable input for Flash 2. Asynchronous relative to CLK for Burst Mode. This applies to the 512Mb MCP only.
R-CRE
Control Register Enable (pSRAM). For CellularRAM only.
F-VCC
Flash 1.8 Volt-only single power supply.
R-VCC
pSRAM Power Supply.
R-UB#
Upper Byte Control (pSRAM).
R-LB#
Lower Byte Control (pSRAM)
DNU
Do Not Use


Similar Part No. - S71WS256ND0BAWYK3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256ND0BAWY20 SPANSION-S71WS256ND0BAWY20 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWY22 SPANSION-S71WS256ND0BAWY22 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWY23 SPANSION-S71WS256ND0BAWY23 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWY30 SPANSION-S71WS256ND0BAWY30 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWY32 SPANSION-S71WS256ND0BAWY32 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS256ND0BAWYK3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com