Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5092BATE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5092BATE+
Description  4V to 72V Input LDOs with Boost Preregulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092BATE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5092BATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5092BATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4V to 72V Input LDOs with Boost Preregulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 14V, IOUT = 1mA, CIN = 47µF, CBSOUT = 22µF, COUT = 10µF, CVL = 1µF, TA = TJ = -40°C to +125°C, unless otherwise
noted. See Figures 4–7 as applicable. Typical specifications are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE, HOLD and RESET
EN High Input Threshold
ENH
2.4
V
EN Low Input Threshold
ENL
0.4
V
EN Input Bias Current
IEN
0.25
2
µA
HOLD Low Input Threshold
VIL
Regulator on, EN transition from high to low
0.4
V
HOLD Release Voltage
VIH
EN = low
VOUT -
0.4
V
HOLD Pullup Current
IHOLD
Internally connected to OUT
4
µA
RESET Voltage Threshold
VRESET
% of VOUT, VOUT falling
87
90
92
%
RESET Threshold Hysteresis
VRHYST
% of VOUT
2%
RESET Output Low Voltage
VRL
ISINK = 1mA
0.4
V
RESET Output High Leakage
Current
IRH
VRESET = 5V
1
µA
RESET Output Minimum Timeout
Period
CCT not connected
25
µs
EN to RESET Minimum Timeout
Delay
CCT not connected
260
µs
Delay Comparator Threshold
(Rising)
VCTTH
1.205
1.24
1.265
V
Delay Comparator Threshold
Hysteresis
VCTTH-HYS
100
mV
CT Charge Current
ICT-CHG
1.5
2
2.5
µA
CT Discharge Current
ICT-DIS
5mA
Note 2: Limits at -40°C are guaranteed by design and characterization; not production tested.
Note 3: Guaranteed minimum operating voltage is 3.5V on VIN falling only.
Note 4: Guaranteed by design and not production tested.
Note 5: The continuous maximum output current from the LDO is guaranteed according to the maximum power dissipation imposed
by the package thermal constraints.
Note 6: Maximum output adjustable value is conditioned by the maximum adjustable BSOUT Output Voltage Range minus the maxi-
mum dropout across the pass transistor.
Note 7: Dropout voltage is defined as (VBSOUT - VOUT) when VOUT is 2% below the value of VOUT for VBSOUT = VOUT + 2V.


Similar Part No. - MAX5092BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5092BATE++ MAXIM-MAX5092BATE+ Datasheet
479Kb / 24P
   4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
More results

Similar Description - MAX5092BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5092 MAXIM-MAX5092_08 Datasheet
479Kb / 24P
   4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
   Boost and Dual LDOs with POK
logo
Texas Instruments
UCC1857 TI1-UCC1857_08 Datasheet
154Kb / 11P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
   Wide 4V to 42V Input
Rev 1; 3/15
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Renesas Technology Corp
RAA212832 RENESAS-RAA212832 Datasheet
3Mb / 19P
   4.5V to 72V Input, 0.5A Buck Regulator with 2 Linear Regulator Outputs
Mar 13, 2023
RAA212831 RENESAS-RAA212831 Datasheet
3Mb / 20P
   4.5V to 72V Input, 0.5A Buck Regulator with Two Linear Regulator Outputs
Mar 2, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com