Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA202AIDGKT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA202AIDGKT
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA202AIDGKT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA202AIDGKT Datasheet HTML 7Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 8Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 9Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 10Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 11Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 12Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 13Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 14Page - Burr-Brown (TI) INA202AIDGKT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
11
In the Typical Characteristics, the Output Error vs
Common-Mode
Voltage
curve
shows
the
highest
accuracy for the this region of operation. In this plot,
VS = 12V; for VCM
≥ 12V, the output error is at its minimum.
This case is also used to create the VSENSE
≥ 20mV output
specifications in the Electrical Characteristics table.
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
This region of operation has slightly less accuracy than
Normal Case 1 as a result of the common-mode operating
area in which the part functions, as seen in the Output Error
vs Common-Mode Voltage curve. As noted, for this graph
VS = 12V; for VCM < 12V, the Output Error increases as VCM
becomes less than 12V, with a typical maximum error of
0.005% at the most negative VCM = −16V.
Low VSENSE Case 1:
VSENSE < 20mV, −16V ≤ VCM < 0; and
Low VSENSE Case 3:
VSENSE < 20mV, VS < VCM ≤ 80V
Although the INA200 family of devices are not designed for
accurate operation in either of these regions, some
applications are exposed to these conditions. For
example, when monitoring power supplies that are
switched on and off while VS is still applied to the INA200,
INA201, or INA202, it is important to know what the
behavior of the devices will be in these regions.
As VSENSE approaches 0mV, in these VCM regions, the
device output accuracy degrades. A larger-than-normal
offset can appear at the current shunt monitor output with
a typical maximum value of VOUT = 300mV for
VSENSE = 0mV. As VSENSE approaches 20mV, VOUT
returns to the expected output value with accuracy as
specified in the Electrical Characteristics. Figure 3
illustrates this effect using the INA202 (Gain = 100).
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
1012
1416
18
V
SENSE (mV)
20
Actual
Ideal
Figure 3. Example for Low VSENSE Cases 1 and 3
(INA202, Gain = 100)
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS
This region of operation is the least accurate for the
INA200 family. To achieve the wide input common-mode
voltage range, these devices use two op amp front ends in
parallel. One op amp front end operates in the positive
input common-mode voltage range, and the other in the
negative input region. For this case, neither of these two
internal amplifiers dominates and overall loop gain is very
low. Within this region, VOUT approaches voltages close to
linear operation levels for Normal Case 2. This deviation
from linear operation becomes greatest the closer VSENSE
approaches 0V. Within this region, as VSENSE approaches
20mV, device operation is closer to that described by
Normal Case 2. Figure 4 illustrates this behavior for the
INA202. The VOUT maximum peak for this case is tested
by maintaining a constant VS, setting VSENSE = 0mV and
sweeping VCM from 0V to VS. The exact VCM at which VOUT
peaks during this test varies from part to part, but the VOUT
maximum peak is tested to be less than the specified VOUT
tested limit.
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
SENSE (mV)
24
INA202 V
OUT Tested Limit
(1)
VCM2
VCM1
V
CM3
V
CM4
V
CM2,VCM3,and VCM4 illustrate the variance
from part to part of the VCM that can cause
maximum V
OUT with VSENSE < 20mV.
V
OUT tested limit at
V
SENSE =0mV, 0 ≤ VCM1 ≤ VS.
NOTE: (1) INA200 V
OUT Tested Limit = 0.4V. INA201 VOUT Tested Limit = 1V.
Ideal
Figure 4. Example for Low VSENSE Case 2
(INA202, Gain = 100)
SELECTING RS
The value chosen for the shunt resistor, RS, depends on
the application and is a compromise between small-signal
accuracy and maximum permissible voltage loss in the
measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of
offset, while low values of RS minimize voltage loss in the
supply line. For most applications, best performance is
attained with an RS value that provides a full-scale shunt
voltage range of 50mV to 100mV. Maximum input voltage
for accurate measurements is 500mV.
TRANSIENT PROTECTION
The −16V to +80V common-mode range of the INA200,
INA201, and INA202 is ideal for withstanding automotive
fault conditions ranging from 12V battery reversal up to
+80V
transients,
since
no
additional
protective
components are needed up to those levels. In the event
that the INA200, INA201, and INA202 are exposed to
transients on the inputs in excess of their ratings, then
external transient absorption with semiconductor transient
absorbers (such as zeners) will be necessary. Use of


Similar Part No. - INA202AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA202AIDGKT BURR-BROWN-INA202AIDGKT Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AIDGKT TI1-INA202AIDGKT Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
INA202AIDGKT TI1-INA202AIDGKT Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA202AIDGKTG4 BURR-BROWN-INA202AIDGKTG4 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AIDGKTG4 TI1-INA202AIDGKTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA202AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com