Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5092AATE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5092AATE+
Description  4V to 72V Input LDOs with Boost Preregulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092AATE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5092AATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5092AATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4V to 72V Input LDOs with Boost Preregulator
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Internal Switch Maximum
On-Time
tON-MAX
1.80
2.25
2.70
µs
Internal Switch Current Limit
ILIM
Measured in steady-state condition
1.5
3.0
A
Boost Turn-On Response Time
Time from VBSOUT falling below regulation
to switch on-time
25
µs
Internal Diode Forward Voltage
Drop
VF
MAX5092_ only, IF = 1A
0.95
V
LDO
Guaranteed Output Current
IOUT
VBSOUT - VOUT = 2V (Note 5)
250
mA
IOUT = 1mA
3.25
3.3
3.35
SET = SGND,
MAX5092A/
MAX5093A
100µA
≤ IOUT ≤ 250mA
3.2
3.3
3.4
IOUT = 1mA
4.900
5
5.075
Output Voltage
VOUT
SET = SGND,
MAX5092B/
MAX5093B
100µA
≤ IOUT ≤ 250mA
4.85
5
5.10
V
Minimum Adjustable Output
Voltage
VADJMIN
Boost operation, VIN = 4V, VBSOUT = 7V
1.5
V
MAX5092_,
VBSOUT = 11V
9
Maximum Adjustable Output
Voltage
VADJMAX
Boost operation,
VIN = 4V
MAX5093_,
VBSOUT = 12V
10
V
Adjustable Output Voltage
VADJ
LDO operation, VIN
≥ VBST_DIS
(boost converter off) (Note 6)
1.5
10.0
V
Dropout Voltage
∆VDO
IOUT = 250mA (Note 7)
0.9
1.6
V
LDO Startup Response Time
Rising edge of VBSOUT to the rising edge of
VOUT, RL = 500
Ω, SET = SGND
200
µs
MAX5092A/MAX5093A
0.4
7V
≤ VIN ≤ 72V,
ILOAD = 10mA
MAX5092B/MAX5093B
0.5
Line Regulation
∆VOUT /
∆VIN
7V
≤ VIN ≤ 28V, ILOAD = 250mA
1.6
mV/V
SET Reference Voltage
VSET
1.205
1.235
1.265
V
SET Input Bias Current
ISET
0.5
100
nA
Load Regulation
∆VOUT /
∆IOUT
IOUT = 1mA to 250mA
0.2
0.6
mV/mA
f = 100Hz
IOUT = 10mA, VBSOUT(AC)
= 500mVP-P, VOUT = 5V
80
Power-Supply Rejection Ratio
PSRR
f = 1MHz
IOUT = 10mA, VBSOUT(AC)
= 500mVP-P, VOUT = 5V
60
dB
Short-Circuit Current
ISC
255
490
mA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 14V, IOUT = 1mA, CIN = 47µF, CBSOUT = 22µF, COUT = 10µF, CVL = 1µF, TA = TJ = -40°C to +125°C, unless otherwise
noted. See Figures 4–7 as applicable. Typical specifications are at TA = +25°C.) (Note 2)


Similar Part No. - MAX5092AATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5092AATE++ MAXIM-MAX5092AATE+ Datasheet
479Kb / 24P
   4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
More results

Similar Description - MAX5092AATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5092 MAXIM-MAX5092_08 Datasheet
479Kb / 24P
   4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
   Boost and Dual LDOs with POK
logo
Texas Instruments
UCC1857 TI1-UCC1857_08 Datasheet
154Kb / 11P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
   Wide 4V to 42V Input
Rev 1; 3/15
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Renesas Technology Corp
RAA212832 RENESAS-RAA212832 Datasheet
3Mb / 19P
   4.5V to 72V Input, 0.5A Buck Regulator with 2 Linear Regulator Outputs
Mar 13, 2023
RAA212831 RENESAS-RAA212831 Datasheet
3Mb / 20P
   4.5V to 72V Input, 0.5A Buck Regulator with Two Linear Regulator Outputs
Mar 2, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com