Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF542 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF542
Description  UHF power MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF542 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF542 Datasheet HTML 1Page - NXP Semiconductors BLF542 Datasheet HTML 2Page - NXP Semiconductors BLF542 Datasheet HTML 3Page - NXP Semiconductors BLF542 Datasheet HTML 4Page - NXP Semiconductors BLF542 Datasheet HTML 5Page - NXP Semiconductors BLF542 Datasheet HTML 6Page - NXP Semiconductors BLF542 Datasheet HTML 7Page - NXP Semiconductors BLF542 Datasheet HTML 8Page - NXP Semiconductors BLF542 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
October 1992
4
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF542
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 0.1 mA; VGS =0
65
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS = 28 V
−−
10
µA
IGSS
gate-source leakage current
±VGS = 20 V; VDS =0
−−
1
µA
VGS(th)
gate-source threshold voltage
ID = 10 mA; VDS = 10 V
2
4.5
V
gfs
forward transconductance
ID = 0.3 A; VDS = 10 V
160
240
mS
RDS(on)
drain-source on-resistance
ID = 0.3 A; VGS = 15 V
3.3
5
IDSX
on-state drain current
VGS = 15 V; VDS = 10 V
1.4
A
Cis
input capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
14
pF
Cos
output capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
9.4
pF
Crs
feedback capacitance
VGS = 0; VDS = 28 V; f = 1 MHz
1.7
pF
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current, typical
values.
VDS = 10 V.
handbook, halfpage
0
100
200
300
4
2
–2
–4
0
MBB777
ID (mA)
T.C.
(mV/K)
Fig.5
Drain current as a function of gate-source
voltage, typical values.
VDS = 10 V; Tj = 25 °C.
handbook, halfpage
0
1.5
1
0.5
0
510
15
MBB759
VGS (V)
ID
(A)


Similar Part No. - BLF542

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF542 JMNIC-BLF542_15 Datasheet
86Kb / 12P
   UHF power MOS transistor
BLF542_2015 JMNIC-BLF542_2015 Datasheet
86Kb / 12P
   UHF power MOS transistor
More results

Similar Description - BLF542

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF543 PHILIPS-BLF543 Datasheet
96Kb / 14P
   UHF power MOS transistor
October 1992
logo
Quanzhou Jinmei Electro...
BLF521 JMNIC-BLF521_15 Datasheet
77Kb / 14P
   UHF power MOS transistor
logo
NXP Semiconductors
BLF404 PHILIPS-BLF404 Datasheet
114Kb / 16P
   UHF power MOS transistor
1998 Jan 29
logo
Advanced Semiconductor
BLF522 ASI-BLF522 Datasheet
21Kb / 2P
   UHF POWER MOS TRANSISTOR
logo
Quanzhou Jinmei Electro...
BLF542 JMNIC-BLF542_15 Datasheet
86Kb / 12P
   UHF power MOS transistor
BLF404 JMNIC-BLF404_15 Datasheet
101Kb / 16P
   UHF power MOS transistor
logo
NXP Semiconductors
BLF521 PHILIPS-BLF521 Datasheet
90Kb / 14P
   UHF power MOS transistor
November 1992
logo
New Jersey Semi-Conduct...
BLF521 NJSEMI-BLF521 Datasheet
109Kb / 3P
   UHF power MOS transistor
logo
NXP Semiconductors
BLF522 PHILIPS-BLF522 Datasheet
71Kb / 12P
   UHF power MOS transistor
September 1992
BLF544 PHILIPS-BLF544 Datasheet
117Kb / 16P
   UHF power MOS transistor
1998 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com