Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT194 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74ACT194
Description  4-Bit Bidirectional Universal Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT194 Datasheet(HTML) 4 Page - Motorola, Inc

  MC74ACT194 Datasheet HTML 1Page - Motorola, Inc MC74ACT194 Datasheet HTML 2Page - Motorola, Inc MC74ACT194 Datasheet HTML 3Page - Motorola, Inc MC74ACT194 Datasheet HTML 4Page - Motorola, Inc MC74ACT194 Datasheet HTML 5Page - Motorola, Inc MC74ACT194 Datasheet HTML 6Page - Motorola, Inc MC74ACT194 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC194 MC74ACT194
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Max
Min
Max
fmax
Maximum Input
3.3
130
115
MHz
3-3
fmax
Frequency
5.0
210
150
MHz
3-3
tPLH
Propagation Delay
3.3
2.0
14.5
1.5
16.0
ns
3-6
tPLH
CP to Q
5.0
2.0
12.5
1.5
14.0
ns
3-6
tPHL
Propagation Delay
3.3
2.0
14.5
1.5
16.0
ns
3-6
tPHL
CP to Q
5.0
2.0
12.5
1.5
14.0
ns
3-6
tPHL
Propagation Delay
3.3
2.0
11.0
1.5
12.0
ns
3-6
tPHL
Reset to Q
5.0
2.0
9.0
1.5
10.0
ns
3-6
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Guaranteed Minimum
ts
Setup Time,
3.3
4.0
5.0
ns
3-9
ts
Pn to Clock
5.0
2.5
3.5
ns
3-9
th
Hold Time,
Pn to Clock
3.3
3.5
4.0
ns
3-9
th
Pn to Clock
5.0
2.0
2.5
ns
3-9
ts
Setup Time, Sn to CP
3.3
5.5
6.5
ns
3-9
ts
Setup Time, Sn to CP
5.0
4.0
5.0
ns
3-9
th
Hold Time,
Sn to CP
3.3
3.5
4.0
ns
3-9
th
Sn to CP
5.0
2.0
2.5
ns
3-9
ts
Setup Time,
DSR or DSL to Clock
3.3
5.5
6.0
ns
3-9
ts
DSR or DSL to Clock
5.0
4.0
4.5
ns
3-9
th
Hold Time,
DSR or DSL to Clock
3.3
1.5
2.0
ns
3-9
th
DSR or DSL to Clock
5.0
2.0
2.5
ns
3-9
tw
CP Pulse Width
3.3
5.5
6.0
ns
3-6
tw
CP Pulse Width
5.0
4.0
4.5
ns
3-6
tw
MR Pulse Width
3.3
5.5
6.0
ns
3-9
tw
MR Pulse Width
5.0
4.0
4.5
ns
3-9
trec
Recovery TIme
3.3
1.5
1.5
ns
3-9
trec
MR to CP
5.0
1.0
1.0
ns
3-9
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74ACT194

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT10 ONSEMI-MC74ACT10 Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74ACT109 ONSEMI-MC74ACT109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109D ONSEMI-MC74ACT109D Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109DR2 ONSEMI-MC74ACT109DR2 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109DT ONSEMI-MC74ACT109DT Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
More results

Similar Description - MC74ACT194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com