Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP374 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KP374
Description  AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP374 Datasheet(HTML) 3 Page - Vishay Siliconix

  KP374 Datasheet HTML 1Page - Vishay Siliconix KP374 Datasheet HTML 2Page - Vishay Siliconix KP374 Datasheet HTML 3Page - Vishay Siliconix KP374 Datasheet HTML 4Page - Vishay Siliconix KP374 Datasheet HTML 5Page - Vishay Siliconix KP374 Datasheet HTML 6Page - Vishay Siliconix KP374 Datasheet HTML 7Page - Vishay Siliconix KP374 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28126
For technical questions, contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 26-Jul-06
243
KP 374
AC and Pulse Polypropylene Film
Foil Capacitors
KP Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 250 V; URac = 125 V; Up-p = 350 V (bent back leads)
URdc = 250 V; URac = 125 V; Up-p = 350 V (standard)
C
(pF)
DIMENSIONS
Wmax x Hmax x Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 374 ..... AND PACKAGING
AMMOPACK
REEL
C-tol =± 10 %
C-tol =± 10 %
C-tol =± 10 %
LAST 5 DIGITS
OF CATALOG
NUMBER
SPQ
LAST 5 DIGITS
OF CATALOG
NUMBER
SPQ
LAST 5 DIGITS
OF CATALOG
NUMBER
SPQ
Original pitch = 7.5 ± 0.4 mm;
dt = 0.60 ± 0.06 mm
pitch
= 5.0 mm (bent back)
pitch
= 5.0 mm (bent back)
pitch
= 7.5 mm (bent back)
1500
5.0 x 14.5 x 11.0
0.48
42152
1000
46152
1250
1800
0.48
42182
46182
2200
0.52
42222
46222
2700
0.52
42272
46272
3300
0.52
42332
46332
3900
0.52
42392
46392
4700
0.53
42472
46472
5600
0.50
42562
46562
6800
0.55
42682
46682
8200
5.5 x 15.0 x 11.0
0.60
42822
1000
46822
1000
10 000
6.0 x 15.5 x 11.0
0.67
42103
900
46103
1000
12 000
6.5 x 16.0 x 11.0
0.74
42123
900
46123
900
Original pitch = 10.0 ± 0.4 mm;
dt = 0.60 ± 0.06 mm
pitch
= 5.0 mm (bent back)
pitch
= 5.0 mm (bent back)
pitch
= 7.5 mm (bent back)
15 000
5.5 x 15.0 x 13.5
0.68
46153
1100
48153
1100
18 000
6.0 x 15.5 x 13.5
0.76
46183
1000
48183
1000
22 000
6.5 x 16.0 x 13.5
0.86
46223
900
48223
900
27 000
7.0 x 16.5 x 13.5
0.98
46273
800
48273
800
C
(pF)
DIMENSIONS
Wmax x Hmax x Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 374 ..... AND PACKAGING
AMMOPACK
REEL
C-tol =± 10 %
C-tol =± 10 %
C-tol =± 10 %
LAST 5 DIGITS
OF CATALOG
NUMBER
SPQ
LAST 5 DIGITS
OF CATALOG
NUMBER
SPQ
LAST 5 DIGITS
OF CATALOG
NUMBER
SPQ
Pitch = 7.5 ± 0.4 mm; dt = 0.60 ± 0.06 mm
1500
5.0 x 13.5 (14.5) x 11.0
0.48
40152
2000
48152
1000
44152
1250
1800
0.48
40182
48182
44182
2200
0.52
40222
48222
44222
2700
0.52
40272
48272
44272
3300
0.52
40332
48332
44332
3900
0.52
40392
48392
44392
4700
0.53
40472
48472
44472
5600
0.50
40562
48562
44562
6800
0.55
40682
48682
44682
8200
5.5 x 14.0 (15.0) x 11.0
0.60
40822
1500
48822
1000
44822
1000
10 000
6.0 x 14.5 (15.5) x 11.0
0.67
40103
1500
48103
900
44103
1000
12 000
6.5 x 15.0 (16.0) x 11.0
0.74
40123
1250
48123
900
44123
900


Similar Part No. - KP374

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP3700A LUGUANG-KP3700A Datasheet
3Mb / 4P
   Phase control thyristor
logo
Vishay Siliconix
KP375 VISHAY-KP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
logo
List of Unclassifed Man...
KP375 ETC2-KP375 Datasheet
1Mb / 54P
   AC and Pulse
More results

Similar Description - KP374

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP375 VISHAY-KP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
KP460 VISHAY-KP460 Datasheet
232Kb / 11P
   Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Revision: 25-Aug-03
MKP479 VISHAY-MKP479 Datasheet
450Kb / 24P
   AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
KP1830310061 VISHAY-KP1830310061 Datasheet
99Kb / 10P
   AC and Pulse Film Foil Capacitors KP Radial Potted Type
Revision: 16-Jan-09
KP1830147635 VISHAY-KP1830147635 Datasheet
99Kb / 10P
   AC and Pulse Film Foil Capacitors KP Radial Potted Type
Revision: 16-Jan-09
KP1836147135 VISHAY-KP1836147135 Datasheet
85Kb / 5P
   AC and Pulse Film/Foil Capacitors Radial Potted Type
Revision: 17-Jun-10
KP1836368635 VISHAY-KP1836368635 Datasheet
85Kb / 5P
   AC and Pulse Film/Foil Capacitors Radial Potted Type
Revision: 17-Jun-10
logo
Vaishali Semiconductor
KT347 VAISH-KT347 Datasheet
118Kb / 5P
   Polyester Film Capacitors KT Radial Epoxy Lacquered Type
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com