Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8482IRGZTG4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8482IRGZTG4
Description  18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8482IRGZTG4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS8482IRGZTG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8482IRGZTG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
CDAC
_
+
Output
Latches
and
3-State
Drivers
BYTE
16-/8-Bit
ParallelDA TA
OutputBus
SAR
Conversion
and
ControlLogic
Comparator
Clock
+IN
−IN
REFIN
CONVST
BUSY
CS
RD
4.096-V
Internal
Reference
REFOUT
BUS18/16
ADS8482
SLAS386A – JULY 2005 – REVISED JUNE 2006
18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER
SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,
REFERENCE
Medical Instruments
0 to 1-MHz Sample Rate
Optical Networking
±1.2 LSB Typ, ±2.5 LSB Max INL
Transducer Interface
+0.75/-0.6 LSB Typ, +1.5/-1 LSB Max DNL
High Accuracy Data Acquisition Systems
18-Bit NMC Ensured Over Temperature
Magnetometers
±0.05-mV Offset Error
±0.05-PPM/°C Offset Error Drift
±0.035 %FSR Gain Error
The ADS8482 is an 18-bit, 1-MSPS A/C converter
±0.5-PPM/°C Gain Error Drift
with
an
internal
4.096-V
reference
and
a
99dB SNR, -121dB THD, 123dB SFDR
pseudo-bipolar, fully differential input. The device
includes a 18-bit capacitor-based SAR A/D converter
Zero Latency
with inherent sample and hold. The ADS8482 offers
Low Power: 225 mW at 1 MSPS
a full 18-bit interface, a 16-bit option where data is
Unipolar Differential Input Range: Vref to –Vref
read using two read cycles, or an 8-bit bus option
using three read cycles.
Onboard Reference with 6 PPM/
°C Drift
Onboard Reference Buffer
The ADS8482 is available in a 48-lead 7x7 QFN
package and is characterized over the industrial
High-Speed Parallel Interface
–40
°C to 85°C temperature range.
Wide Digital Supply 2.7 V to 5.25 V
8-/16-/18-Bit Bus Transfer
48-Pin 7x7 QFN Package
HIGH SPEED SAR CONVERTER FAMILY
TYPE/SPEED
500 kHz
~600 kHz
750 kHz
1 MHz
1.25 MHz
2 MHz
3 MHz
4MHz
ADS8383
ADS8381
ADS8481
18-Bit Pseudo-Diff
ADS8380 (s)
18-Bit Pseudo-Bipolar, Fully Diff
ADS8382 (s)
ADS8482
ADS8327
ADS8370 (s)
ADS8371
ADS8471
ADS8401
ADS8411
16-Bit Pseudo-Diff
ADS8328
ADS8372 (s)
ADS8405
ADS8410 (s)
ADS8472
ADS8402
ADS8412
ADS8422
16-Bit Pseudo-Bipolar, Fully Diff
ADS8406
ADS8413 (s)
14-Bit Pseudo-Diff
ADS7890 (s)
ADS7891
12-Bit Pseudo-Diff
ADS7886
ADS7883
ADS7881
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8482IRGZTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8482IRGZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com