Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S70WS512N00BFWAB2 Datasheet(PDF) 10 Page - SPANSION

Part # S70WS512N00BFWAB2
Description  Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70WS512N00BFWAB2 Datasheet(HTML) 10 Page - SPANSION

Back Button S70WS512N00BFWAB2 Datasheet HTML 6Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 7Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 8Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 9Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 10Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 11Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 12Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 13Page - SPANSION S70WS512N00BFWAB2 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
8
S70WS512N00 Based MCPs
S70WS512N00_00_A0 March 14, 2005
Ad van c e
Inf o rmation
2
Ordering Information
The ordering part number is formed by a valid combination of the following:
Package Marking Note:
The package marking omits the leading S from the ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S70WS 512
N
0
0
BA
W
A
3
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
DYB Power Up, Speed Combinations
3
= 0, 54 MHz
B
= 1, 54 MHz
2
= 0, 66 MHz
A
= 1, 66 MHz
Package Modifier
A
= 1.2 mm, 8 x 11.6, 84-ball FBGA (TSB084)
Temperature Range
W
= Wireless (-25°C to +85°C)
Package Type
BA
= Very Thin Fine-Pitch BGA
Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch BGA
Lead (Pb)-free Package
Chip Contents—2
No content
pSRAM Density
No content
Process Technology
N
= 110nm MirrorBit™ Technology
Flash Density
512
= 512Mb (2x256Mb)
Device Family
S70WS= Multi-Chip Product
1.8 Volt-only Simultaneous Read/Write Burst Mode
Flash Memory Same-Die Stack
Table 2.1 MCP Configurations and Valid Combinations
Valid Combinations
S70WS512N00
0
BA, BF
W
A
2, A, 3, B


Similar Part No. - S70WS512N00BFWAB2

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-138181045R HARWIN-S70-138181045R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-138305045R HARWIN-S70-138305045R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-220101045R HARWIN-S70-220101045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-220102045R HARWIN-S70-220102045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
More results

Similar Description - S70WS512N00BFWAB2

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com