Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPG36F-3 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # PPG36F-3
Description  6-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG36F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PPG36F-3 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  PPG36F-3 Datasheet HTML 1Page - Data Delay Devices, Inc. PPG36F-3 Datasheet HTML 2Page - Data Delay Devices, Inc. PPG36F-3 Datasheet HTML 3Page - Data Delay Devices, Inc. PPG36F-3 Datasheet HTML 4Page - Data Delay Devices, Inc. PPG36F-3 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PPG36F
Doc #97009
DATA DELAY DEVICES, INC.
3
1/15/97
3 Mt. Prospect Ave. Clifton, NJ 07013
DEVICE SPECIFICATIONS
TABLE 1: AC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Total Programmable Pulse Width
PWT
63
TINC
Inherent Pulse Width
PW0
8.0
12.0
16.0
ns
Trigger to Output Delay
TTO
1.5
3.5
5.5
ns
Reset to Output Delay
TRO
17.0
ns
Output Skew
TSKEW
1.5
ns
Trigger Pulse Width
TTW
5.0
ns
Reset Pulse Width
TRW
10.0
ns
Reset to Trigger Setup Time
TRTS
9.0
ns
Address to Trigger Setup Time
TATS
6.0
ns
Output Low to Address Change
TOAX
0.0
ns
Output to Trigger Recovery Time
TOTR
15
% of PWT
*or 10ns, whichever is greater
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
2.5
3.4
V
VCC = MIN, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.35
0.5
V
VCC = MIN, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-1.0
mA
Low Level Output Current
IOL
20.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Clamp Voltage
VIK
-1.2
V
VCC = MIN, II = IIK
Input Current at Maximum
Input Voltage
IIHH
0.1
mA
VCC = MAX, VI = 7.0V
High Level Input Current
IIH
20
µA
VCC = MAX, VI = 2.7V
Low Level Input Current
IIL
-0.6
mA
VCC = MAX, VI = 0.5V
Short-circuit Output Current
IOS
-60
-150
mA
VCC = MAX
Output High Fan-out
25
Unit
Output Low Fan-out
12.5
Load


Similar Part No. - PPG36F-3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-.5 DATADELAY-PPG312F-.5 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-1 DATADELAY-PPG312F-1 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-10 DATADELAY-PPG312F-10 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-100 DATADELAY-PPG312F-100 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
More results

Similar Description - PPG36F-3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG33F DATADELAY-PPG33F Datasheet
283Kb / 5P
   3-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG33F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
PPG323F DATADELAY-PPG323F Datasheet
211Kb / 5P
   23-BIT CRYSTAL-STABILIZED PULSE GENERATOR (SERIES PPG323F)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com