Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8482IBRGZR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8482IBRGZR
Description  18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8482IBRGZR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS8482IBRGZR Datasheet HTML 1Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 2Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 3Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 4Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 5Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 6Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 7Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 8Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
SPECIFICATIONS (Continued)
ADS8482
SLAS386A – JULY 2005 – REVISED JUNE 2006
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1 MSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
3.0
4.096
+VA – 0.8
V
Reference resistance(1)
500
k
Reference current drain
fs = 1 MHz
1
mA
INTERNAL REFERENCE OUTPUT
Internal reference start-up time
From 95% (+VA), with 1-
µF storage capacitor
120
ms
Reference voltage range, Vref
IO = 0
4.081
4.096
4.111
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V ~ 5.25 V
60
µV
Drift
IO = 0
±6
PPM/
°C
DIGITAL INPUT/OUTPUT
Logic family –CMOS
VIH
IIH = 5 µA
+VBD – 1
+VBD + 0.3
VIL
IIL = 5 µA
–0.3
0.8
Logic level
V
VOH
IOH = 2 TTL loads
+VBD – 0.6
VOL
IOL = 2 TTL loads
Data format – Straight Binary
POWER SUPPLY REQUIREMENTS
+VBD
2.7
3.3
5.25
V
Power supply
voltage
+VA
4.75
5
5.25
V
Supply current(2)
fs = 1 MHz
45
50
mA
Power dissipation(2)
fs = 1 MHz
225
250
mW
TEMPERATURE RANGE
Operating free-air
–40
85
°C
(1)
Can vary
±20%
(2)
This includes only +VA current. +VBD current is typical 1 mA with 5 pF load capacitance on all output pins.
5
Submit Documentation Feedback


Similar Part No. - ADS8482IBRGZR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8482IBRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com