Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5530-EVAL Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5530-EVAL
Description  DC to 1000 MHz IF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530-EVAL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5530-EVAL Datasheet HTML 4Page - Analog Devices ADL5530-EVAL Datasheet HTML 5Page - Analog Devices ADL5530-EVAL Datasheet HTML 6Page - Analog Devices ADL5530-EVAL Datasheet HTML 7Page - Analog Devices ADL5530-EVAL Datasheet HTML 8Page - Analog Devices ADL5530-EVAL Datasheet HTML 9Page - Analog Devices ADL5530-EVAL Datasheet HTML 10Page - Analog Devices ADL5530-EVAL Datasheet HTML 11Page - Analog Devices ADL5530-EVAL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADL5530
Rev. 0 | Page 11 of 12
EVALUATION BOARD
Figure 24 shows the schematic for the ADL5530 evaluation
board. The board is powered by a single supply (between 3 V
and 5 V).
The components used on the board are listed in Table 6. Power
can be applied to the board through clip-on leads (J5, J6),
through an edge connector (P1), or through Jumper W1. Note
that IN2, OUT2, T1, T2, C6, C7 and C10 have no function.
Because Pin 1, Pin 3 and Pin 6 of ADL5530 are No Connects,
these pins are grounded on this PCB (this has no effect on
electrical performance).
J1
IN1
J5
VPOS
1
2
3
4
8
7
6
5
C1
10nF
C2
10nF
C5
10nF
C6
OPEN
C7
OPEN
C10
OPEN
L1
470nH
J2
OUT1
NC = NO CONNECT
J6
GND
ADL5530
NC
IN1
NC
NC
GND
OUT1
NC
NC
Figure 25. Evaluation Board Layout
Figure 24. Evaluation Board Schematic
Table 6. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2
AC-coupling capacitors.
10 nF 0402
C5
Power supply decoupling capacitor.
10 nF 0603
L1
DC bias inductor.
470 nH 1008
J5, J6
Clip-on terminals for power supply.
J5 = VPOS
J6 = GND
W1
2-pin jumper for connection of ground and supply via cable.
P1
Edge connector.
P1: A1 to A5 = GND
P1: B1 to B5 = GND
P1: A8 to A9 = VPOS
P1: B8 to B9 = VPOS


Similar Part No. - ADL5530-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530-EVALZ AD-ADL5530-EVALZ Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
More results

Similar Description - ADL5530-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530 AD-ADL5530_17 Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
   DC to 1000 MHz IF Gain Block
REV. A
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF140 ASB-ASF140 Datasheet
457Kb / 9P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF153 ASB-ASF153 Datasheet
587Kb / 11P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
August 2014
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
logo
Analog Devices
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
   20 MHz to 500 MHz IF Gain Block
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
   20 MHz to 500 MHz IF Gain Block
Rev. PrD 5/07
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com