Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL-J55TAI000 Datasheet(PDF) 3 Page - SPANSION

Part # S29PL-J55TAI000
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55TAI000 Datasheet(HTML) 3 Page - SPANSION

  S29PL-J55TAI000 Datasheet HTML 1Page - SPANSION S29PL-J55TAI000 Datasheet HTML 2Page - SPANSION S29PL-J55TAI000 Datasheet HTML 3Page - SPANSION S29PL-J55TAI000 Datasheet HTML 4Page - SPANSION S29PL-J55TAI000 Datasheet HTML 5Page - SPANSION S29PL-J55TAI000 Datasheet HTML 6Page - SPANSION S29PL-J55TAI000 Datasheet HTML 7Page - SPANSION S29PL-J55TAI000 Datasheet HTML 8Page - SPANSION S29PL-J55TAI000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S29PL-J_00
Revision A
Amendment 9
Issue Date September 22, 2006
Distinctive Characteristics
Architectural Advantages
128/128/64/32 Mbit Page Mode devices
– Page size of 8 words: Fast page read access from random locations
within the page
Single power supply operation
– Full Voltage range: 2.7 to 3.6 volt read, erase, and program operations
for battery-powered applications
Dual Chip Enable inputs (only in PL129J)
– Two CE# inputs control selection of each half of the memory space
Simultaneous Read/Write Operation
– Data can be continuously read from one bank while executing erase/
program functions in another bank
– Zero latency switching from write to read operations
FlexBank Architecture (PL127J/PL064J/PL032J)
– 4 separate banks, with up to two simultaneous operations per device
– Bank A:
PL127J -16 Mbit (4 Kw x 8 and 32 Kw x 31)
PL064J - 8 Mbit (4 Kw x 8 and 32 Kw x 15)
PL032J - 4 Mbit (4 Kw x 8 and 32 Kw x 7)
– Bank B:
PL127J - 48 Mbit (32 Kw x 96)
PL064J - 24 Mbit (32 Kw x 48)
PL032J - 12 Mbit (32 Kw x 24)
– Bank C:
PL127J - 48 Mbit (32 Kw x 96)
PL064J - 24 Mbit (32 Kw x 48)
PL032J - 12 Mbit (32 Kw x 24)
– Bank D:
PL127J -16 Mbit (4 Kw x 8 and 32 Kw x 31)
PL064J - 8 Mbit (4 Kw x 8 and 32 Kw x 15)
PL032J - 4 Mbit (4 Kw x 8 and 32 Kw x 7)
FlexBank Architecture (PL129J)
– 4 separate banks, with up to two simultaneous operations per device
– CE#1 controlled banks:
Bank 1A: PL129J - 16Mbit (4Kw x 8 and 32Kw x 31)
Bank 1B: PL129J - 48Mbit (32Kw x 96)
– CE#2 controlled banks:
Bank 2A: PL129J - 48 Mbit (32Kw x 96)
Bank 2B: PL129J - 16Mbit (4Kw x 8 and 32Kw x 31)
Enhanced VersatileI/O (VIO) Control
– Output voltage generated and input voltages tolerated on all control
inputs and I/Os is determined by the voltage on the VIO pin
–VIO options at 1.8 V and 3 V I/O for PL127J and PL129J devices
–3V VIO for PL064J and PL032J devices
Secured Silicon Sector region
– Up to 128 words accessible through a command sequence
– Up to 64 factory-locked words
– Up to 64 customer-lockable words
Both top and bottom boot blocks in one device
Manufactured on 110 nm process technology
Data Retention: 20 years typical
Cycling Endurance: 1 million cycles per sector typical
Performance Characteristics
High Performance
– Page access times as fast as 20 ns
– Random access times as fast as 55 ns
Power consumption (typical values at 10 MHz)
– 45 mA active read current
– 17 mA program/erase current
– 0.2 µA typical standby mode current
Software Features
Software command-set compatible with JEDEC 42.4 standard
– Backward compatible with Am29F, Am29LV, Am29DL, and AM29PDL
families and MBM29QM/RM, MBM29LV, MBM29DL, MBM29PDL
families
CFI (Common Flash Interface) compliant
– Provides device-specific information to the system, allowing host
software to easily reconfigure for different Flash devices
Erase Suspend / Erase Resume
– Suspends an erase operation to allow read or program operations in
other sectors of same bank
Program Suspend / Program Resume
– Suspends a program operation to allow read operation from sectors
other than the one being programmed
Unlock Bypass Program command
– Reduces overall programming time when issuing multiple program
command sequences
Hardware Features
Ready/Busy# pin (RY/BY#)
– Provides a hardware method of detecting program or erase cycle
completion
Hardware reset pin (RESET#)
– Hardware method to reset the device to reading array data
WP#/ ACC (Write Protect/Acceleration) input
–At VIL, hardware level protection for the first and last two 4K word
sectors.
–At VIH, allows removal of sector protection
–At VHH, provides accelerated programming in a factory setting
Persistent Sector Protection
– A command sector protection method to lock combinations of individual
sectors and sector groups to prevent program or erase operations within
that sector
– Sectors can be locked and unlocked in-system at VCC level
Password Sector Protection
– A sophisticated sector protection method to lock combinations of
individual sectors and sector groups to prevent program or erase
operations within that sector using a user-defined 64-bit password
Package options
– Standard discrete pinouts
11 x 8 mm, 80-ball Fine-pitch BGA (PL127J) (VBG080)
8.15 x 6.15 mm, 48-ball Fine pitch BGA (PL064J/PL032J)
(VBK048)
– MCP-compatible pinout
8 x 11.6 mm, 64-ball Fine-pitch BGA (PL127J)
7 x 9 mm, 56-ball Fine-pitch BGA (PL064J and PL032J)
Compatible with MCP pinout, allowing easy integration of RAM into
existing designs
– 20 x 14 mm, 56-pin TSOP (PL127J) (TS056)
S29PL-J
128/128/64/32 Megabit (8/8/4/2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous-Read/Write
Flash Memory with Enhanced VersatileIO™ Control
Data Sheet (Advance Information)


Similar Part No. - S29PL-J55TAI000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29PL-J CYPRESS-S29PL-J Datasheet
7Mb / 101P
   128-/128-/64-/32-Mbit (8/8/4/2M x 16-Bit) 3V, Flash with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results

Similar Description - S29PL-J55TAI000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com